Electronic Components Datasheet Search
  English  ▼

X  

BYW178 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYW178
Description  Very Fast Silicon Mesa Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYW178 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYW178 Datasheet HTML 1Page - Vishay Siliconix BYW178 Datasheet HTML 2Page - Vishay Siliconix BYW178 Datasheet HTML 3Page - Vishay Siliconix BYW178 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BYW178
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
2 (4)
Document Number 86047
Characteristics (Tj = 25_C unless otherwise specified)
0
5
10
15
25
0
10
20
30
40
l – Lead Length ( mm )
30
94 9570
20
ll
TL=constant
Figure 1. Typ. Thermal Resistance vs. Lead Length
0
0
0.4
0.8
1.2
1.6
2.0
Tamb – Ambient Temperature ( °C )
94 9468
40
80
120
160
200
RthJA=70K/W
f
v20kHz
PCB
Figure 2. Max. Average Forward Current vs.
Ambient Temperature
0
0
1
2
3
4
Tamb – Ambient Temperature ( °C )
94 9471
40
80
120
160
200
RthJA=25K/W
f
v20kHz
L=10mm
Figure 3. Max. Average Forward Current vs.
Ambient Temperature
0.1
1
0
1
2
3
4
5
IF – Forward Current ( A )
10
94 9571
dIF/dt=50A/ms
Figure 4. Typ. Reverse Recovery Current vs.
Forward Current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com