Electronic Components Datasheet Search
  English  ▼

X  

BYW72 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BYW72
Description  Fast Avalanche Sinterglass Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYW72 Datasheet(HTML) 1 Page - Vishay Siliconix

  BYW72 Datasheet HTML 1Page - Vishay Siliconix BYW72 Datasheet HTML 2Page - Vishay Siliconix BYW72 Datasheet HTML 3Page - Vishay Siliconix BYW72 Datasheet HTML 4Page - Vishay Siliconix BYW72 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BYW72 / 73 / 74 / 75 / 76
Document Number 86050
Rev. 1.6, 13-Apr-05
Vishay Semiconductors
www.vishay.com
1
949588
Fast Avalanche Sinterglass Diode
Features
• Glass passivated junction
• Hermetically sealed package
• Low reverse current
• Soft recovery characteristics
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
Fast rectification and switching diode for example for
TV-line output circuits and switch mode power supply
Mechanical Data
Case: SOD-64 Sintered glass case
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: approx. 858 mg
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Package
BYW72
VR = 200 V; IFAV = 3 A
SOD-64
BYW73
VR = 300 V; IFAV = 3 A
SOD-64
BYW74
VR = 400 V; IFAV = 3 A
SOD-64
BYW75
VR = 500 V; IFAV = 3 A
SOD-64
BYW76
VR = 600 V; IFAV = 3 A
SOD-64
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage = Repetitive
peak reverse voltage
see electrical characteristics
BYW72
VR = VRRM
200
V
BYW73
VR = VRRM
300
V
BYW74
VR = VRRM
400
V
BYW75
VR = VRRM
500
V
BYW76
VR = VRRM
600
V
Peak forward surge current
tp = 10 ms, half sinewave
IFSM
100
A
Repetitive peak forward current
IFRM
15
A
Average forward current
IFAV
3A
Junction and storage
temperature range
Tj = Tstg
- 55 to + 175
°C
Non repetitive reverse
avalanche energy
I(BR)R = 0.4 A
ER
10
mJ
e2


Similar Part No. - BYW72

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYW72 GE-BYW72 Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Galaxy Semi-Conductor H...
BYW72 BILIN-BYW72 Datasheet
69Kb / 3P
FAST RECOVERY RECTIFIER
logo
Gulf Semiconductor
BYW72 GULFSEMI-BYW72 Datasheet
93Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
logo
Vishay Siliconix
BYW72 VISHAY-BYW72 Datasheet
106Kb / 4P
Fast Avalanche Sinterglass Diode
25-Aug-10
logo
Shenzhen Luguang Electr...
BYW72 LUGUANG-BYW72 Datasheet
186Kb / 3P
Fast Recovery Rectifiers
More results

Similar Description - BYW72

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYM36 VISHAY-BYM36 Datasheet
149Kb / 5P
Fast Avalanche Sinterglass Diode
12-Aug-04
BYM36A VISHAY-BYM36A Datasheet
107Kb / 5P
Fast Avalanche Sinterglass Diode
25-Aug-10
BYV37 VISHAY-BYV37_10 Datasheet
378Kb / 4P
Fast Avalanche Sinterglass Diode
31-Mar-10
BYW72 VISHAY-BYW72_10 Datasheet
106Kb / 4P
Fast Avalanche Sinterglass Diode
25-Aug-10
BY203-20STAP VISHAY-BY203-20STAP Datasheet
123Kb / 4P
Fast Avalanche Sinterglass Diode
12-Sep-12
BYV38-TAP VISHAY-BYV38-TAP Datasheet
123Kb / 4P
Fast Avalanche Sinterglass Diode
04-Sep-12
BYV16-TAP VISHAY-BYV16-TAP Datasheet
130Kb / 5P
Fast Avalanche Sinterglass Diode
04-Sep-12
BY203-20S-TR VISHAY-BY203-20S-TR Datasheet
128Kb / 4P
Fast Avalanche Sinterglass Diode
12-Sep-12
logo
New Jersey Semi-Conduct...
BY268 NJSEMI-BY268 Datasheet
128Kb / 2P
Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BY268 VISHAY-BY268_V01 Datasheet
136Kb / 4P
Fast Avalanche Sinterglass Diode
20-Feb-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com