Electronic Components Datasheet Search
  English  ▼

X  

BZM55C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BZM55C
Description  Silicon Epitaxial Planar Z-Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZM55C Datasheet(HTML) 2 Page - Vishay Siliconix

  BZM55C Datasheet HTML 1Page - Vishay Siliconix BZM55C Datasheet HTML 2Page - Vishay Siliconix BZM55C Datasheet HTML 3Page - Vishay Siliconix BZM55C Datasheet HTML 4Page - Vishay Siliconix BZM55C Datasheet HTML 5Page - Vishay Siliconix BZM55C Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BZM55C...
Vishay Telefunken
Rev. 3, 01-Apr-99
2 (6)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85598
Type
VZnom IZT
for
VZT
and
rzjT
rzjk at
IZK
IR and IR
at VR
TKVZ
BZM55C...
V
mA
V 1)
W
W
mA
mA
mA 2)
V
%/K
2 V 4
2.4
5
2.28 to 2.56
< 85
< 600
1
< 100
< 50
1
–0.09 to –0.06
2 V 7
2.7
5
2.5 to 2.9
< 85
< 600
1
< 10
< 50
1
–0.09 to –0.06
3 V 0
3.0
5
2.8 to 3.2
< 90
< 600
1
< 4
< 40
1
–0.08 to –0.05
3 V 3
3.3
5
3.1 to 3.5
< 90
< 600
1
< 2
< 40
1
–0.08 to –0.05
3 V 6
3.6
5
3.4 to 3.8
< 90
< 600
1
< 2
< 40
1
–0.08 to –0.05
3 V 9
3.9
5
3.7 to 4.1
< 90
< 600
1
< 2
< 40
1
–0.08 to –0.05
4 V 3
4.3
5
4.0 to 4.6
< 90
< 600
1
< 1
< 20
1
–0.06 to –0.03
4 V 7
4.7
5
4.4 to 5.0
< 80
< 600
1
< 0.5
< 10
1
–0.05 to +0.02
5 V 1
5.1
5
4.8 to 5.4
< 60
< 550
1
< 0.1
< 2
1
–0.02 to +0.02
5 V 6
5.6
5
5.2 to 6.0
< 40
< 450
1
< 0.1
< 2
1
–0.05 to +0,05
6 V 2
6.2
5
5.8 to 6.6
< 10
< 200
1
< 0.1
< 2
2
0.03 to 0.06
6 V 8
6.8
5
6.4 to 7.2
< 8
< 150
1
< 0.1
< 2
3
0.03 to 0.07
7 V 5
7.5
5
7.0 to 7.9
< 7
< 50
1
< 0.1
< 2
5
0.03 to 0.07
8 V 2
8.2
5
7.7 to 8.7
< 7
< 50
1
< 0.1
< 2
6.2
0.03 to 0.08
9 V 1
9.1
5
8.5 to 9.6
< 10
< 50
1
< 0.1
< 2
6.8
0.03 to 0.09
10
10
5
9.4 to 10.6
< 15
< 70
1
< 0.1
< 2
7.5
0.03 to 0.1
11
11
5
10.4 to 11.6
< 20
< 70
1
< 0.1
< 2
8.2
0.03 to 0.11
12
12
5
11.4 to 12.7
< 20
< 90
1
< 0.1
< 2
9.1
0.03 to 0.11
13
13
5
12.4 to 14.1
< 26
< 110
1
< 0.1
< 2
10
0.03 to 0.11
15
15
5
13.8 to 15.6
< 30
< 110
1
< 0.1
< 2
11
0.03 to 0.11
16
16
5
15.3 to 17.1
< 40
< 170
1
< 0.1
< 2
12
0.03 to 0.11
18
18
5
16.8 to 19.1
< 50
< 170
1
< 0.1
< 2
13
0.03 to 0.11
20
20
5
18.8 to 21.2
< 55
< 220
1
< 0.1
< 2
15
0.03 to 0.11
22
22
5
20.8 to 23.3
< 55
< 220
1
< 0.1
< 2
16
0.04 to 0.12
24
24
5
22.8 to 25.6
< 80
< 220
1
< 0.1
< 2
18
0.04 to 0.12
27
27
5
25.1 to 28.9
< 80
< 220
1
< 0.1
< 2
20
0.04 to 0.12
30
30
5
28 to 32
< 80
< 220
1
< 0.1
< 2
22
0.04 to 0.12
33
33
5
31 to 35
< 80
< 220
1
< 0.1
< 2
24
0.04 to 0.12
36
36
5
34 to 38
< 80
< 220
1
< 0.1
< 2
27
0.04 to 0.12
39
39
2.5
37 to 41
< 90
< 500
1
< 0.1
< 5
30
0.04 to 0.12
43
43
2.5
40 to 46
< 90
< 600
0.5
< 0.1
< 5
33
0.04 to 0.12
47
47
2.5
44 to 50
< 110
< 700
0.5
< 0.1
< 5
36
0.04 to 0.12
51
51
2.5
48 to 54
< 125
< 700
0.5
< 0.1
< 10
39
0.04 to 0.12
56
56
2.5
52 to 60
< 135
< 1000
0.5
< 0.1
< 10
43
0.04 to 0.12
62
62
2.5
58 to 66
< 150
< 1000
0.5
< 0.1
< 10
47
0.04 to 0.12
68
68
2.5
64 to 72
< 200
< 1000
0.5
< 0.1
< 10
51
0.04 to 0.12
75
75
2.5
70 to 79
< 250
< 1500
0.5
< 0.1
< 10
56
0.04 to 0.12
1) tp/T x 100ms, tighter tolerances available on request.
2) at Tj= 150°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com