Electronic Components Datasheet Search
  English  ▼

X  

BU407F Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BU407F
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU407F Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BU407F Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU407F Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
BU406F/407F
isc Website:www.iscsemi.cn
DESCRIPTION
·High Voltage
·Fast Switching Speed-
: toff= 0.75μs (Max)
·Low Saturation Voltage-
: VCE(sat)= 1.0V(Max)@ IC= 5A
APPLICATIONS
·Designed for use in converters, inverters, switching
regulators and motor control systems etc.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BU406F
400
VCES
Collector-Emitter Voltage
VBE=0
BU407F
330
V
BU406F
200
VCEO
Collector-Emitter Voltage
BU407F
150
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
7
A
ICM
Collector Current-Peak
15
A
IB
B
Base Current-Continuous
4
A
IBM
Base Current-Peak
6
A
PC
Collector Power Dissipation
@ TC=25℃
18
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
7
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
55
℃/W


Similar Part No. - BU407F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BU407FI ISC-BU407FI Datasheet
102Kb / 2P
isc Silicon NPN Power Transistors
More results

Similar Description - BU407F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com