Electronic Components Datasheet Search
  English  ▼

X  

TIP42A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TIP42A
Description  isc Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP42A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TIP42A Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP42A Datasheet HTML 2Page - Inchange Semiconductor Company Limited TIP42A Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistors
TIP42/42A/42B/42C
DESCRIPTION
·DC Current Gain -hFE = 30(Min)@ IC= -0.3A
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = -40V(Min)- TIP42; -60V(Min)- TIP42A
-80V(Min)- TIP42B; -100V(Min)- TIP42C
·Complement to Type TIP41/41A/41B/41C
APPLICATIONS
·Designed for use in general purpose amplifer and
switching applications
ABSOLUTE MAXIMUM RATINGS(T =25℃)
a
SYMBOL
PARAMETER
VALUE
UNIT
TIP42
-40
TIP42A
-60
TIP42B
-80
VCBO
Collector-Base Voltage
TIP42C
-100
V
TIP42
-40
TIP42A
-60
TIP42B
-80
VCEO
Collector-Emitter Voltage
TIP42C
-100
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-6
A
ICM
Collector Current-Peak
-10
A
IB
B
Base Current
-2
A
Collector Power Dissipation
TC=25℃
65
PC
Collector Power Dissipation
Ta=25℃
2
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
isc Website:www.iscsemi.cn


Similar Part No. - TIP42A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP42A MOSPEC-TIP42A Datasheet
189Kb / 4P
POWER TRANSISTORS(6A,40-100V,65W)
logo
Motorola, Inc
TIP42A MOTOROLA-TIP42A Datasheet
222Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP42A ONSEMI-TIP42A Datasheet
222Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 1
logo
Power Innovations Ltd
TIP42A POINN-TIP42A Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP42A STMICROELECTRONICS-TIP42A Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP42A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
isc Silicon PNP Power Transistors
2N5737 ISC-2N5737 Datasheet
40Kb / 2P
isc Silicon PNP Power Transistors
2SB551 ISC-2SB551 Datasheet
302Kb / 2P
isc Silicon PNP Power Transistors
2SB656 ISC-2SB656 Datasheet
226Kb / 2P
isc Silicon PNP Power Transistors
2SB696 ISC-2SB696 Datasheet
222Kb / 2P
isc Silicon PNP Power Transistors
MJF45H11 ISC-MJF45H11 Datasheet
76Kb / 2P
isc Silicon PNP Power Transistors
TIP32E ISC-TIP32E Datasheet
248Kb / 2P
isc Silicon PNP Power Transistors
TIP30D ISC-TIP30D Datasheet
149Kb / 2P
isc Silicon PNP Power Transistors
TIP42C-220 ISC-TIP42C-220 Datasheet
145Kb / 2P
isc Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com