Electronic Components Datasheet Search
  English  ▼

X  

HS2XA Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # HS2XA
Description  SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HS2XA Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  HS2XA Datasheet HTML 1Page - HY ELECTRONIC CORP. HS2XA Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
●
Low cost
●
Diffused junction
●
Ultra fast switching for high efficiency
●
Low reverse leakage current
●
Low forward voltage drop
●
High current capability
●
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
●
Case: Molded Plastic
●
Polarity: lndicated by cathode band
●
Weight: 0.002 ounces,0.064 grams
●
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
HS2AA
HS2BA
HS2DA
HS2GA
HS2JA
HS2KA
HS2MA
UF2AA
UF2BA
UF2DA
UF2GA
UF2JA
UF2KA
UF2MA
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA =55 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 2.0A DC
VF
1.3
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note 1)
TRR
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJA
℃
/W
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
HS2XA / UF2XA SERIES
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 2.0 Amperes
GLASS PASSIVATED RECTIFIERS
CHARACTERISTICS
SYMBOL
UNIT
SURFACE MOUNT
HIGH EFFICIENCY (ULTRA FAST)
Dimensions in inches and (millimeters)
-55 to +150
50
100
μA
-55 to +150
75
50
30
25
~ 108 ~
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
3.Thermal resistance junction to ambient
NOTES: 1.Measured with IF=0.5A,IR=1A ,IRR=0.25A
I(AV)
5.0
60
A
2.0
A
IFSM
1.0
1.7
IR
SMA
.055(1.40)
.062(1.60)
.114(2.90)
.098(2.50)
.181(4.60)
.157(4.00)
.012(.305)
.006(.152)
.002(.051)
.008(.203)
.208(5.28)
.188(4.80)
.079(2.00)
.103(2.62)
.060(1.52)
.030(0.76)


Similar Part No. - HS2XA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS2XAL TSC-HS2XAL Datasheet
492Kb / 7P
2A, 200V - 1000V High Efficient Surface Mount Rectifier
Version: C2103
More results

Similar Description - HS2XA

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HS2X HY-HS2X Datasheet
91Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS3XB HY-HS3XB Datasheet
92Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
H1AL HY-H1AL_17 Datasheet
135Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS1A HY-HS1A_17 Datasheet
135Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS2A HY-HS2A_17 Datasheet
135Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS3A HY-HS3A_17 Datasheet
166Kb / 3P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS HIGH EFFICIENCY (ULTRA FAST)
HS3AB HY-HS3AB_17 Datasheet
135Kb / 3P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS HIGH EFFICIENCY (ULTRA FAST)
UF2A HY-UF2A_17 Datasheet
135Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
UF2AA HY-UF2AA_17 Datasheet
135Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS3X HY-HS3X_V01 Datasheet
432Kb / 3P
Surface Mount High Efficiency (Ultra Fast) Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com