Electronic Components Datasheet Search
  English  ▼

X  

HS3XB Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # HS3XB
Description  SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HS3XB Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  HS3XB Datasheet HTML 1Page - HY ELECTRONIC CORP. HS3XB Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
●
Low cost
●
Diffused junction
●
Ultra fast switching for high efficiency
●
Low reverse leakage current
●
Low forward voltage drop
●
High current capability
●
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
●
Case: Molded Plastic
●
Polarity:Color band denotes cathode
●
Weight: 0.003 ounces,0.093 grams
●
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
HS3AB HS3BB HS3DB HS3GB HS3JB HS3KB HS3MB
UF3AB UF3BB UF3DB UF3GB UF3JB UF3KB UF3MB
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA =55 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 3.0A DC
VF
1.3
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note 1)
TRR
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJA
℃
/W
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
SYMBOL
CHARACTERISTICS
UNIT
HS3XB /UF3XB SERIES
SURFACE MOUNT
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 3.0 Amperes
GLASS PASSIVATED RECTIFIERS
HIGH EFFICIENCY (ULTRA FAST)
Dimensions in inches and (millimeters)
A
IFSM
A
1.0
1.7
150
μA
-55 to +150
50
75
50
30
20
-55 to +150
100
~ 112 ~
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
3.Thermal resistance junction to ambient
NOTES: 1.Measured with IF=0.5A,IR=1A ,IRR=0.25A
IR
I(AV)
5.0
3.0
SMB
.030(0.76)
.060(1.52)
.096(2.44)
.084(2.13)
.200(5.08)
.220(5.59)
.008(.203)
.002(.051)
.006(.152)
.012(.305)
.160(4.06)
.185(4.70)
.130(3.30)
.155(3.94)
.083(2.11)
.075(1.91)


Similar Part No. - HS3XB

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HS300 OHMITE-HS300 Datasheet
352Kb / 2P
Wound to maximise High Pulse Capability
HS300 OHMITE-HS300 Datasheet
352Kb / 2P
HS Aluminium Housed Resistors
logo
TP-Link Technologies Co...
HS300 TP-LINK-HS300 Datasheet
2Mb / 5P
Kasa Smart Wi-Fi Power Strip, 6-Outlets
logo
Arcol UK Ltd
HS300 ARCOL-HS300 Datasheet
348Kb / 2P
HS Aluminium Housed Resistors
12/14.08
logo
Renesas Technology Corp
HS3000-EVK RENESAS-HS3000-EVK Datasheet
1Mb / 24P
Environmental Sensors
Jul 30, 2024 Rev.1.03
More results

Similar Description - HS3XB

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HS2XA HY-HS2XA Datasheet
91Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS2X HY-HS2X Datasheet
91Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
H1AL HY-H1AL_17 Datasheet
135Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS1A HY-HS1A_17 Datasheet
135Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS2A HY-HS2A_17 Datasheet
135Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS3A HY-HS3A_17 Datasheet
166Kb / 3P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS HIGH EFFICIENCY (ULTRA FAST)
HS3AB HY-HS3AB_17 Datasheet
135Kb / 3P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS HIGH EFFICIENCY (ULTRA FAST)
UF2A HY-UF2A_17 Datasheet
135Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
UF2AA HY-UF2AA_17 Datasheet
135Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS3X HY-HS3X_V01 Datasheet
432Kb / 3P
Surface Mount High Efficiency (Ultra Fast) Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com