Electronic Components Datasheet Search
  English  ▼

X  

MJH16008 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJH16008
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJH16008 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJH16008 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJH16008 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
MJH16008
DESCRIPTION
· Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = 450V(Min)
·High Switching Speed
APPLICATIONS
·Designed for high-voltage ,high-speed, power switching in
inductive circuits where fall time is critical. They are partic-
ularly suited for line operated switch-mode applications.
Typical applications:
·Switching regulators
·Inverters
·Solenoid and relay drivers
·Motor controls
·Deflection circuits
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCEV
Collector-Emitter Voltage
850
V
VCEO(SUS)
Collector-Emitter Voltage
450
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
8
A
ICM
Collector Current-Peak
16
A
IB
B
Base Current-Continuous
6
A
IBM
Base Current-Peak
12
A
PC
Collector Power Dissipation
@TC=25℃
125
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.0
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - MJH16008

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MJH16008 NJSEMI-MJH16008 Datasheet
83Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - MJH16008

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com