Electronic Components Datasheet Search
  English  ▼

X  

MJ11030 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJ11030
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ11030 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJ11030 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ11030 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon NPN Darlington Power Transistor
MJ11030
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 0.1A; IB= 0
90
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 25A; IB= 250mA
2.5
V
V CE(sat)-2
Collector-Emitter Saturation Voltage
IC= 50A; IB= 500mA
3.5
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 25A; IB= 250mA
3.0
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 50A; IB= 500mA
4.5
V
ICER
Collector Cutoff Current
VCE= 90V; RBE=1kΩ
VCE= 90V; RBE=1kΩ; TC=150℃
2.0
5.0
mA
ICEO
Collector Cutoff Current
VCE= 50V; IB= 0
2.0
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
5.0
mA
hFE-1
DC Current Gain
IC= 25A, VCE= 5V
1000
18000
hFE-2
DC Current Gain
IC= 50A, VCE= 5V
400



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com