Electronic Components Datasheet Search
  English  ▼

X  

BT151-600 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BT151-600
Description  Thyristors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BT151-600 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BT151-600 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Thyristors
INCHANGE
BT151-600
Features
·With TO-220 package
·1cathode 2 anode 3 gate
·For use in applications requiring high bidirectional
blocking voltage capability and high thermal cycling
performance. Typical applications include motor
control, industrial and domestic lighting, heating and
static switching.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(AV)
Average on-state current
7.5
A
IT(RMS)
RMS on-state current
12
A
ITSM
Non-repetitive peak on-state current
100
A
PGM
Peak gate power
5
W
PG(AV)
Average gate power
0.5
W
Tstg
Storage temperature
-45~150
℃
Tj
Operating junction temperature
110
℃
TO-220
LIMITING VALUES
Limiting values in accordance with the absolute maximum system(IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IGT
Gate trigger current
VD=12V; IT=0.1A
15
mA
VT
On-state voltage
IT=23A
1.75
V
VGT
Gate trigger voltage
VD=12V ; IT=0.1A
1.5
V


Similar Part No. - BT151-600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT151-600 ETC1-BT151-600 Datasheet
143Kb / 3P
HCP12C60
logo
SemiWell Semiconductor
BT151-600 SEMIWELL-BT151-600 Datasheet
625Kb / 5P
Silicon Controlled Rectifiers
logo
New Jersey Semi-Conduct...
BT151-600 NJSEMI-BT151-600 Datasheet
83Kb / 1P
Thyristors
logo
Shenzhen Luguang Electr...
BT151-600-R LUGUANG-BT151-600-R Datasheet
927Kb / 5P
12A Silicon Controlled Rectifiers
Revision:20240716-P1
More results

Similar Description - BT151-600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151X PHILIPS-BT151X Datasheet
46Kb / 11P
Thyristors
Rev. 04-9 June 2004
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
Thyristors
September 1997 Rev 1.100
BT300 PHILIPS-BT300 Datasheet
44Kb / 6P
Thyristors
September 1997 Rev 1.100
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
THYRISTORS
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
Thyristors
April 2004-Rev 1.000
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
THYRISTORS
Feb-1989
logo
Inchange Semiconductor ...
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
THYRISTORS
BT152 COMSET-BT152 Datasheet
172Kb / 3P
THYRISTORS
logo
Sanken electric
TF561S-A SANKEN-TF561S-A Datasheet
75Kb / 3P
Thyristors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com