Electronic Components Datasheet Search
  English  ▼

X  

LT3487 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3487
Description  Boost and Inverting Switching Regulator for CCD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3487 Datasheet(HTML) 2 Page - Linear Technology

  LT3487 Datasheet HTML 1Page - Linear Technology LT3487 Datasheet HTML 2Page - Linear Technology LT3487 Datasheet HTML 3Page - Linear Technology LT3487 Datasheet HTML 4Page - Linear Technology LT3487 Datasheet HTML 5Page - Linear Technology LT3487 Datasheet HTML 6Page - Linear Technology LT3487 Datasheet HTML 7Page - Linear Technology LT3487 Datasheet HTML 8Page - Linear Technology LT3487 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3487
2
3487f
VIN Voltage............................................................... 16V
VBAT Voltage............................................................. 16V
SWP, SWN Voltage................................................... 32V
CAP, VPOS .................................................................30V
DN Voltage ............................................................. –32V
RUN/SS Voltage ..........................................................8V
FBP Voltage................................................................ 6V
FBN Voltage ................................................ –0.2V to 6V
Maximum Junction Temperature .......................... 125°C
Operating Temperature Range ................. –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
ORDER PART NUMBER
DD PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LBXB
LT3487EDD
(Note 1)
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, VBAT = 3.6V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
2.3
16
V
Quiescent Current
RUN/SS = 3V, Not Switching
RUN/SS = 0V
3.7
5.3
5
8
mA
µA
RUN/SS Voltage Threshold (Full Current)
(Note 3)
1.6
V
RUN/SS Voltage Threshold (Shutdown)
●
100
160
mV
RUN/SS Pin Current
RUN/SS = 0V (Note 4)
1
1.4
2
µA
FBP (Positive Channel) Pin Voltage
●
1.19
1.23
1.27
V
FBN (Negative Channel) Pin Voltage
●
–7
3
12
mV
FBP Pin Voltage Line Regulation
0.007
%/V
FBN Pin Voltage Line Regulation
0.001
mV/V
FBP Pin Bias Current
●
24.4
25
25.6
µA
FBN Pin Bias Current
●
24.4
25
25.6
µA
FBP Threshold (Percent of Final Value)
to Start Negative Channel
87
90
%
Switching Frequency
1.85
2
2.15
MHz
Maximum Duty Cycle
●
87
93
%
Positive Channel Switch Current Limit
(Note 5)
●
750
920
mA
Negative Channel Switch Current Limit
(Note 5)
●
900
1090
mA
Positive Channel VCESAT
ISWP = 400mA
280
mV
Negative Channel VCESAT
ISWN = 600mA
340
mV
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
VPOS
FBP
RUN/SS
FBN
VIN
CAP
SWP
VBAT
SWN
DN
θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE CONNECTED TO PCB
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com