Electronic Components Datasheet Search
  English  ▼

X  

S153P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # S153P
Description  Silicon PIN Photodiode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S153P Datasheet(HTML) 3 Page - Vishay Siliconix

  S153P Datasheet HTML 1Page - Vishay Siliconix S153P Datasheet HTML 2Page - Vishay Siliconix S153P Datasheet HTML 3Page - Vishay Siliconix S153P Datasheet HTML 4Page - Vishay Siliconix S153P Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
S153P
Vishay Telefunken
3 (5)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81535
0.01
0.1
1
0.1
1
10
100
1000
Ee – Irradiance ( mW / cm2 )
10
94 8465
VR=5V
l=950nm
Figure 3. Reverse Light Current vs. Irradiance
0.1
1
10
100
1000
EA – Illuminance ( lx )
94 8466
101
102
103
104
VR=5V
Figure 4. Reverse Light Current vs. Illuminance
0.1
1
10
1
10
100
VR – Reverse Voltage ( V )
100
94 8467
1 mW/cm2
0.5 mW/cm2
0.2 mW/cm2
0.1 mW/cm2
0.05 mW/cm2
l=950nm
Figure 5. Reverse Light Current vs. Reverse Voltage
0.1
1
10
0
20
40
60
80
VR – Reverse Voltage ( V )
100
94 8407
E=0
f=1MHz
Figure 6. Diode Capacitance vs. Reverse Voltage
350
550
750
950
0
0.2
0.4
0.6
0.8
1.0
1150
94 8420
l – Wavelength ( nm )
Figure 7. Relative Spectral Sensitivity vs. Wavelength
0.4
0.2
0
0.2
0.4
0.6
94 8475
0.6
0.9
0.8
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
0.7
1.0
Figure 8. Relative Radiant Sensitivity vs.
Angular Displacement



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com