Electronic Components Datasheet Search
  English  ▼

X  

S505 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # S505
Description  MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S505 Datasheet(HTML) 1 Page - Vishay Siliconix

  S505 Datasheet HTML 1Page - Vishay Siliconix S505 Datasheet HTML 2Page - Vishay Siliconix S505 Datasheet HTML 3Page - Vishay Siliconix S505 Datasheet HTML 4Page - Vishay Siliconix S505 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S505T/S505TR/S505TRW
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
1 (5)
Document Number 85044
MOSMIC® for TV–Tuner Prestage with 5 V Supply Voltage
MOSMIC - MOS Monolithic Integrated Circuit
Electrostatic sensitive device.
Observe precautions for handling.
Applications
Low noise gain controlled input stages in UHF-and
VHF- tuner with 5 V supply voltage.
G2
G1
RF in
AGC
S
D
VDD
C block
RFC
RF out
13650
C block
C block
RG1
VDD
Features
D Easy Gate 1 switch-off with PNP switching
transistors inside PLL
D High AGC-range with less steep slope
D Integrated gate protection diodes
D Low noise figure
D High gain
D Improved cross modulation at gain reduction
D SMD package
13 579
21
4
3
94 9279
S505T Marking: 505
Plastic case (SOT 143)
1 = Source, 2 = Drain, 3 = Gate 2, 4 = Gate 1
95 10831
2
1
43
94 9278
S505TR Marking: 55R
Plastic case (SOT 143R)
1 = Source, 2 = Drain, 3 = Gate 2, 4 = Gate 1
2
1
3
4
13 566
13 654
S505TRW Marking: W05
Plastic case (SOT 343R)
1 = Source, 2 = Drain, 3 = Gate 2, 4 = Gate 1


Similar Part No. - S505

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
S505 EATON-S505 Datasheet
510Kb / 4P
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
logo
Cooper Bussmann, Inc.
S505-1-R COOPER-S505-1-R Datasheet
380Kb / 2P
5 x 20mm Time-Delay, Ceramic Tube Fuses
logo
Eaton All Rights Reserv...
S505-1-R EATON-S505-1-R Datasheet
510Kb / 4P
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
logo
Cooper Bussmann, Inc.
S505-1.25-R COOPER-S505-1.25-R Datasheet
380Kb / 2P
5 x 20mm Time-Delay, Ceramic Tube Fuses
logo
Eaton All Rights Reserv...
S505-1.25-R EATON-S505-1.25-R Datasheet
510Kb / 4P
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
More results

Similar Description - S505

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S503T VISHAY-S503T Datasheet
99Kb / 5P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S504T VISHAY-S504T Datasheet
99Kb / 5P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S592T VISHAY-S592T Datasheet
100Kb / 6P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S593T VISHAY-S593T Datasheet
156Kb / 9P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S594T VISHAY-S594T Datasheet
155Kb / 9P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S595T VISHAY-S595T Datasheet
203Kb / 10P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
02-May-05
S503TX VISHAY-S503TX Datasheet
149Kb / 5P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
30-Aug-04
S506TY VISHAY-S506TY Datasheet
115Kb / 5P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
21-Oct-02
S505TX VISHAY-S505TX Datasheet
183Kb / 6P
MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
29-Apr-05
S594T-GS08 VISHAY-S594T-GS08 Datasheet
323Kb / 10P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
08-Sep-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com