Electronic Components Datasheet Search
  English  ▼

X  

S952T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S952T
Description  MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S952T Datasheet(HTML) 2 Page - Vishay Siliconix

  S952T Datasheet HTML 1Page - Vishay Siliconix S952T Datasheet HTML 2Page - Vishay Siliconix S952T Datasheet HTML 3Page - Vishay Siliconix S952T Datasheet HTML 4Page - Vishay Siliconix S952T Datasheet HTML 5Page - Vishay Siliconix S952T Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
S952T/S952TR/S952TRW
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
2 (6)
Document Number 85062
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Drain - source voltage
VDS
12
V
Drain current
ID
30
mA
Gate 1/Gate 2 - source peak current
±IG1/G2SM
10
mA
Gate 1/Gate 2 - source voltage
±VG1/G2SM
6
V
Total power dissipation
Tamb ≤ 60 °C
Ptot
200
mW
Channel temperature
TCh
150
°C
Storage temperature range
Tstg
–55 to +150
°C
Maximum Thermal Resistance
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Channel ambient
on glass fibre printed board (25 x 20 x 1.5) mm3
plated with 35
mm Cu
RthChA
450
K/W
Electrical DC Characteristics
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max Unit
Drain - source
breakdown voltage
±IG1S = 10 mA, VG2S = VG1S = 0
±V(BR)DSS
15
V
Gate 1 - source
breakdown voltage
±IG1S = 10 mA, VG2S = VDS = 0
±V(BR)G1SS
7
10
V
Gate 2 - source
breakdown voltage
±IG2S = 10 mA, VG1S = VDS = 0
±V(BR)G2SS
7
10
V
Gate 1 - source
leakage current
+VG1S = 5 V, VG2S = VDS = 0
+IG1SS
20
nA
Gate 2 - source
leakage current
±VG2S = 5 V, VG1S = VDS = 0
±IG2SS
20
nA
Drain - source
operating current
VDS = VRG1 = 9 V, VG2S = 4 V, RG1 = 390 kW
IDSO
7
10
14
mA
Gate 1 - source
cut-off voltage
VDS = VRG1 = 9 V, VG2S = 4 V, ID = 100 mA
VG1S(OFF)
0.4
1.2
V
Gate 2 - source
cut-off voltage
VDS = VRG1 = 9 V, RG1 = 390 kW, ID = 100 mA
VG2S(OFF)
1.0
V
Remark on improving intermodulation behavior:
By setting RG1 = 300 kW instead of 390 kW, typical value of IDSO will raise up to about 15 mA and improved inter-
modulation behavior will be performed.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com