Electronic Components Datasheet Search
  English  ▼

X  

LTC1419CSW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1419CSW
Description  14-Bit, 800ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1419CSW Datasheet(HTML) 5 Page - Linear Technology

  LTC1419CSW Datasheet HTML 1Page - Linear Technology LTC1419CSW Datasheet HTML 2Page - Linear Technology LTC1419CSW Datasheet HTML 3Page - Linear Technology LTC1419CSW Datasheet HTML 4Page - Linear Technology LTC1419CSW Datasheet HTML 5Page - Linear Technology LTC1419CSW Datasheet HTML 6Page - Linear Technology LTC1419CSW Datasheet HTML 7Page - Linear Technology LTC1419CSW Datasheet HTML 8Page - Linear Technology LTC1419CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1419
1419fb
TYPICAL PERFORMANCE CHARACTERISTICS
S/(N + D) vs Input Frequency
and Amplitude
Distortion vs Input Frequency
Spurious-Free Dynamic Range
vs Input Frequency
Differential Nonlinearity
vs Output Code
Integral Nonlinearity
vs Output Code
Input Common Mode Rejection
vs Input Frequency
INPUT FREQUENCY (Hz)
90
80
70
60
50
40
30
20
10
0
1k
100k
1M
2M
1419 G01
10k
VIN = 0dB
VIN = –20dB
VIN = –60dB
INPUT FREQUENCY (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
– 110
1419 G03
THD
2ND
3RD
1k
100k
1M
2M
10k
Signal-to-Noise Ratio
vs Input Frequency
INPUT FREQUENCY (Hz)
1k
0
90
80
70
60
50
40
30
20
10
1419 G02
100k
1M
2M
10k
Intermodulation Distortion Plot
INPUT FREQUENCY (Hz)
10k
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
100k
1M
2M
1419 G04
FREQUENCY (kHz)
0
–120
–100
–80
–60
–40
100
200
300
400
1419 G05
–20
0
50
150
250
350
fSAMPLE = 800kHz
fIN1 = 95.8984375kHz
fIN2 = 104.1015625kHz
OUTPUT CODE
0
–1.0
– 0.5
0
0.5
1.0
4096
8192
1419 G06
12288
16384
Power Supply Feedthrough
vs Ripple Frequency
OUTPUT CODE
0
–1.0
– 0.5
0
0.5
1.0
4096
8192
1419 G07
12288
16384
RIPPLE FREQUENCY (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1k
100k
1M
2M
1419 G08
10k
VSS
DGND
VDD
INPUT FREQUENCY (Hz)
1
80
70
60
50
40
30
20
10
0
10
100
1419 G09
1000
10000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com