Electronic Components Datasheet Search
  English  ▼

X  

LTC1446CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1446CS8
Description  Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1446CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1446CS8 Datasheet HTML 4Page - Linear Technology LTC1446CS8 Datasheet HTML 5Page - Linear Technology LTC1446CS8 Datasheet HTML 6Page - Linear Technology LTC1446CS8 Datasheet HTML 7Page - Linear Technology LTC1446CS8 Datasheet HTML 8Page - Linear Technology LTC1446CS8 Datasheet HTML 9Page - Linear Technology LTC1446CS8 Datasheet HTML 10Page - Linear Technology LTC1446CS8 Datasheet HTML 11Page - Linear Technology LTC1446CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1446/LTC1446L
TYPICAL APPLICATIONS N
LTC1446
50k
5V
15V
–15V
CLK
0.1
µF
50k
µP
CS/LD
DIN
DOUT
VOUT B
GND
VCC
VOUT A
VOUT
8.190
DIN
A
A: VOUT A ≅ 0V
B: VOUT A ≅ 2.048V
C: VOUT A ≅ 4.095V
4.094
0
–4.096
–8.190
1446/46L F02
VOUT =
2 (VOUT B – VOUT A)
100k
100k
–
+
LT1077
B
C
A Wide Swing, Bipolar Output DAC with Digitally Controlled Offset
This circuit shows how to use an LTC1446 and an
LT
®1077 to make a wide bipolar output swing 12-bit DAC
with an offset that can be digitally programmed. VOUT A,
which can be set by loading the appropriate digital code
for DAC A, sets the offset. As this value changes, the
transfer curve for the output moves up and down as
illustrated in the graph below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com