Electronic Components Datasheet Search
  English  ▼

X  

TCDT1102 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCDT1102
Description  Optocoupler with Phototransistor Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCDT1102 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCDT1102 Datasheet HTML 1Page - Vishay Siliconix TCDT1102 Datasheet HTML 2Page - Vishay Siliconix TCDT1102 Datasheet HTML 3Page - Vishay Siliconix TCDT1102 Datasheet HTML 4Page - Vishay Siliconix TCDT1102 Datasheet HTML 5Page - Vishay Siliconix TCDT1102 Datasheet HTML 6Page - Vishay Siliconix TCDT1102 Datasheet HTML 7Page - Vishay Siliconix TCDT1102 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TCDT1100(G) Series
Vishay Telefunken
Rev. A3, 11–Jan–99
209
Features
Approvals:
D BSI: BS EN 41003, BS EN 60095 (BS 415),
BS EN 60950 (BS 7002),
Certificate number 7081 and 7402
D FIMKO (SETI): EN 60950,
Certificate number 12399
D Underwriters Laboratory (UL) 1577 recognized,
file number E-76222
D VDE 0884, Certificate number 94778
VDE 0884 related features:
D Rated impulse voltage (transient overvoltage)
VIOTM = 6 kV peak
D Isolation test voltage (partial discharge test
voltage) Vpd = 1.6 kV
D Rated isolation voltage (RMS includes DC)
VIOWM = 600 VRMS (848 V peak)
D Rated recurring peak voltage (repetitive)
VIORM = 600 VRMS
D Creepage current resistance according to
VDE 0303/IEC 112
Comparative Tracking Index: CTI = 275
D Thickness through insulation ≥ 0.75 mm
General features:
D Isolation materials according to UL94-VO
D Pollution degree 2
(DIN/VDE 0110/ resp. IEC 664)
D Climatic classification 55/100/21 (IEC 68 part 1)
D Special construction:
Therefore, extra low coupling capacity of
typical 0.2 pF, high Common Mode Rejection
D Low temperature coefficient of CTR
D CTR offered in 4 groups
D Base not connected
D Coupling System A
Absolute Maximum Ratings
Input (Emitter)
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
5
V
Forward current
IF
60
mA
Forward surge current
tp ≤ 10 ms
IFSM
3
A
Power dissipation
Tamb ≤ 25°C
PV
100
mW
Junction temperature
Tj
125
°C
Output (Detector)
Parameter
Test Conditions
Symbol
Value
Unit
Collector emitter voltage
VCEO
32
V
Emitter collector voltage
VECO
7
V
Collector current
IC
50
mA
Collector peak current
tp/T = 0.5, tp ≤ 10 ms
ICM
100
mA
Power dissipation
Tamb ≤ 25°C
PV
150
mW
Junction temperature
Tj
125
°C
Coupler
Parameter
Test Conditions
Symbol
Value
Unit
AC Isolation test voltage (RMS)
t = 1 min
VIO
3.75
kV
Total power dissipation
Tamb ≤ 25°C
Ptot
250
mW
Ambient temperature range
Tamb
–55 to +100
°C
Storage temperature range
Tstg
–55 to +125
°C
Soldering temperature
2 mm from case t
≤ 10 s
Tsd
260
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com