Electronic Components Datasheet Search
  English  ▼

X  

ALH60F48 Datasheet(PDF) 2 Page - Emerson Network Power

Part # ALH60F48
Description  Ultra High Efficiency Half Brick
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ALH60F48 Datasheet(HTML) 2 Page - Emerson Network Power

  ALH60F48 Datasheet HTML 1Page - Emerson Network Power ALH60F48 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
3
Ordering Information
www.astecpower.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output
Efficiency
Model Number
Voltage
Voltage
48V
3.3V @ 60A
91% (Typ)
AEH60F48(N)
48V
2.5V @ 60A
90% (Typ)
AEH60G48(N)
48V
2.5V @ 60A
90% (Typ)
AEH60G48N-6T
(see note 3)
48V
1.8V @ 60A
89% (Typ)
AEH60Y48(N)
48V
1.2V @ 60A
85% (Typ)
AEH60K48(N)
48V
3.3V @ 60A
91% (Typ)
ALH60F48(N)
48V
2.5V @ 60A
90% (Typ)
ALH60G48(N)
48V
1.8V @ 60A
89% (Typ)
ALH60Y48(N)
48V
1.2V @ 60A
85% (Typ)
ALH60K48(N)
OPTION:
suffix “N” = Negative Enable (default is Positive Enable without suffix “N”)
Standard pin length is 5mm nominal. Consult factory for other options.
1 + Vin
1.90
[48.3]
1.50
[38.1]
1.20
[30.4]
0.90
[22.8]
1.90
[48.3]
1.50
[38.2]
1.20
[30.5]
0.90
[22.9]
5
4
2 Enable (On/Off)
9 + Output
MECHANICAL TOLERANCE ± .002(0.5)
PIN PLACEMENT TOLERANCE : ± 0.005(0.127)
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
PIN SIDE UP
3
2
1
7
6
9
3 CASE
7 Trim
8 + Sense
6 -Sense
5 -Output
NOTES:
4 - Vin
PIN ASSIGNMENT
0.04Ø
[2.0Ø] 2 PLACES
PIN SIDE DOWN
1.90
[48.3]
1.90
[48.3]
2.30
[58.4]
0.50
[12.7]
0.20
[5.1]
0.20
[5.1]
- Vin
+ Vin
0.50
[12.7]
M3 X0.5 MOUNTING HOLE
0.50
[12.7]
4 PLACES
2.40
[61.0]
2.00
[50.8]
-Output
+ Output
SIDEVIEW
0.46
[11.8]
0.08Ø
0.20
[5.2]
[1.0Ø] 7 PLACES
Pin Assignments
Single Output
1. +Vin
2. Enable (On/Off)
3. Case (AEH version)
4. -Vin
5. - Output
6. - Sense
7. Trim
8. + Sense
9. + Output
Notes:
1. 20 mHz bandwidth. External 10 uF tant. capacitor +
0.1 uF cer. capacitor placed from +V out to -Vout.
2. Requires a 2.2 mf, 100V film capacitor connected
between +V in and -V in to meet FCC class A and
ETS300-386-1 requirements for conducted noise.
Consult Factory for filtering information to meet FCC
class B, VDE or EIC specifications.
3. Suffix -”6” for 3.7mm nominal pin length, “T” for tuned
version for specific transient response requirement.
Minimum output capacitance required. Refer to
Technical refernce Notes for details.
4. All specifications are typical at nominal line, full load,
and 25°C unless otherwise noted.
5. All specifications subject to change without notice.
Mechanical drawings are for reference only
6. Technical Reference Notes should be consulted for
detailed information when available
7. Warranty: 1yr
* Astec reserves the right to make changes to the information
contained herein without notice and assumes no liability as a
result of its use or application. (REV05: FEBRUARY 2, 2004)
PIN PLACEMENT TOLERANCE : ± 0.005(0.127)
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
+ Output
-Output
0.50
[12.7] 0.90
[22.9]
1.20
[30.5] 1.50
[38.1] 1.90
[48.2]
2.00
[50.8]
2.40
[60.9]
0.50
[12.7]
0.90
[22.9]
1.20
[30.5]
1.50
[38.1]
1.90
[48.3]
PIN SIDE UP
PIN SIDE DOWN
4
3
2
1
9
8
7
6
5
1.90
[48.3]
0.20
[5.1]
0.20
[5.1]
+ Vin
- Vin
1.90
[48.3]
2.30
[58.4]
2
3
4
1
5
8
7
6
9
NOTES:
SIDE VIEW
MECHANICAL TOLERANCE ± .002(0.5)
3 CASE
5 -Output
6 -Sense
8 + Sense
7 Trim
9 + Output
4 - Vin
2 Enable (On/Off)
PIN ASSIGNMENT
1 + Vin
[1.0Ø] 7 PLACES
[2.0Ø] 2 PLACES
0.21
[5.4]
0.40
[10.2]
0.04Ø
0.08Ø
AEH - BASEPLATE
ALH - BASEPLATE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com