Electronic Components Datasheet Search
  English  ▼

X  

TCED4100 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TCED4100
Description  Optocoupler with Photodarlington Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCED4100 Datasheet(HTML) 4 Page - Vishay Siliconix

  TCED4100 Datasheet HTML 1Page - Vishay Siliconix TCED4100 Datasheet HTML 2Page - Vishay Siliconix TCED4100 Datasheet HTML 3Page - Vishay Siliconix TCED4100 Datasheet HTML 4Page - Vishay Siliconix TCED4100 Datasheet HTML 5Page - Vishay Siliconix TCED4100 Datasheet HTML 6Page - Vishay Siliconix TCED4100 Datasheet HTML 7Page - Vishay Siliconix TCED4100 Datasheet HTML 8Page - Vishay Siliconix TCED4100 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TCED1100(G) up to TCED4100
Vishay Telefunken
Rev. A3, 11–Jan–99
237
Maximum Safety Ratings (according to VDE 0884) see figure 1
This device is used for protective separation against electrical shock only within the maximum safety ratings.
This must be ensured by using protective circuits in the applications.
Input (Emitter)
Parameters
Test Conditions
Symbol
Value
Unit
Forward current
Isi
130
mA
Output (Detector)
Parameters
Test Conditions
Symbol
Value
Unit
Power dissipation
Tamb ≤ 25°C
Psi
265
mW
Coupler
Parameters
Test Conditions
Symbol
Value
Unit
Rated impulse voltage
VIOTM
8
kV
Safety temperature
Tsi
150
°C
Insulation Rated Parameters (according to VDE 0884)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Partial discharge test voltage –
Routine test
100%, ttest = 1 s
Vpd
1.6
kV
Partial discharge test voltage – tTr = 60 s, ttest = 10 s,
VIOTM
8
kV
gg
Lot test (sample test)
Tr
test
(see figure 2)
Vpd
1.3
kV
Insulation resistance
VIO = 500 V
RIO
1012
W
VIO = 500 V,
Tamb = 100°C
RIO
1011
W
VIO = 500 V,
Tamb = 150°C
(construction test only)
RIO
109
W
0
25
50
75
125
0
50
100
150
200
300
Tamb – Ambient Temperature ( °C )
150
14887
100
250
Photodarlington
Psi ( mW )
IR-Diode
Isi ( mA )
Figure 1. Derating diagram
V
IOTM
V
Pd
V
IOWM
V
IORM
V
t
4
t
3
t
test
t
stres
t
2
t
1
t
0
13930
t
Tr
= 60 s
t
1
, t
2
= 1 to 10 s
t
3
, t
4
= 1 s
t
test
= 10 s
t
stres
= 12 s
Figure 2. Test pulse diagram for sample test according to
DIN VDE 0884



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com