Electronic Components Datasheet Search
  English  ▼

X  

TCRT5000 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCRT5000
Description  Reflective Optical Sensor with Transistor Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCRT5000 Datasheet(HTML) 3 Page - Vishay Siliconix

  TCRT5000 Datasheet HTML 1Page - Vishay Siliconix TCRT5000 Datasheet HTML 2Page - Vishay Siliconix TCRT5000 Datasheet HTML 3Page - Vishay Siliconix TCRT5000 Datasheet HTML 4Page - Vishay Siliconix TCRT5000 Datasheet HTML 5Page - Vishay Siliconix TCRT5000 Datasheet HTML 6Page - Vishay Siliconix TCRT5000 Datasheet HTML 7Page - Vishay Siliconix TCRT5000 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TCRT5000(L)
Vishay Telefunken
3 (8)
www.vishay.com
Document Number 83760
Rev. A4, 03–Jul–00
Electrical Characteristics (Tamb = 25°C)
Input (Emitter)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 60 mA
VF
1.25
1.5
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
50
pF
Output (Detector)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector emitter voltage
IC = 1 mA
VCEO
70
V
Emitter collector voltage
IE = 100 mA
VECO
7
V
Collector dark current
VCE = 20 V, IF = 0, E = 0
ICEO
10
200
nA
Sensor
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector current
VCE = 5 V, IF = 10 mA,
D = 12 mm
IC 1,2)
0.5
1
2.1
mA
Collector emitter
saturation voltage
IF = 10 mA, IC = 0.1 mA,
D = 12 mm
VCEsat 1,2)
0.4
V
1) See test circuit
2) Test surface: Mirror (Mfr. Spindler a. Hoyer, Part No 340005)
IF
IC
VCC
94 9226
A
Figure 1. Test circuit
Flat Mirror
∅ = 22.5 mm
Rem. 2
D = Distance
12
± 0.2
96 12314
d = working distance
7.0
± 0.2
= package height
Figure 2. Test circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com