Electronic Components Datasheet Search
  English  ▼

X  

LTC1535CSW Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1535CSW
Description  Isolated RS485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535CSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1535CSW Datasheet HTML 6Page - Linear Technology LTC1535CSW Datasheet HTML 7Page - Linear Technology LTC1535CSW Datasheet HTML 8Page - Linear Technology LTC1535CSW Datasheet HTML 9Page - Linear Technology LTC1535CSW Datasheet HTML 10Page - Linear Technology LTC1535CSW Datasheet HTML 11Page - Linear Technology LTC1535CSW Datasheet HTML 12Page - Linear Technology LTC1535CSW Datasheet HTML 13Page - Linear Technology LTC1535CSW Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1535
1535fa
Driver Output and Slow Slew Rate Control
The LTC1535 uses a proprietary driver output stage that
allows a common mode voltage range that extends be-
yond the power supplies. Thus, the high impedance state
is maintained over the full RS485 common mode range.
The output stage provides 100mA of short-circuit current
limiting in both the positive and negative directions. Thus,
even under short-circuit conditions, the supply voltage
from the open-loop DC converter will remain high enough
for proper communication across the isolation barrier.
The driver output will be disabled in the event of a thermal
shutdown and a fault condition will be indicated through
the RE weak output.
The CMOS level SLO pin selects slow or fast slew rates on
the RS485 driver output (see Figures 15, 16, 17, 18 for
typical waveforms). The SLO input has an internal 100k
pull-up resistor. When SLO is low, the driver outputs are
slew rate limited to reduce high frequency edges. Left
open or tied high, SLO defaults to fast edges. The part
draws more current during slow slew rate edges.
Monitoring Faults on RE
The RE pin can be used to monitor the following fault
conditions: low supply voltages, thermal shutdown or a
time-out fault when there is no data communication across
the barrier. During a fault, the receiver output, RO, defaults
to a high state (see Table 2). Open circuit or short-circuit
conditions on the twisted pair do not cause a fault indica-
tion. However, the RS485 receiver defaults to a high
output state when the receiver input is open or short-
circuited.
The RE pin has a weak current drive output mode for
indicating fault conditions. This fault state can be polled
using a bidirectional microcontroller I/O line or by using
the circuit in Figure 11, where the control to RE is three-
stated and the fault condition read back from the RE pin.
The weak drive has 100
µA pull-up current to indicate a
fault and 50
µA pull-down current for no fault. This allows
the RE pin to be polled without disabling RE on nonfault
conditions.
Both sides contain a low voltage detect circuit. A voltage
less than 4.2V on the isolated side disables
communication.
Figure 11. Detecting Fault Conditions
RE
POLL
FAULT
FAULT INDICATED WHEN RE IS THREE-STATED
VCC
1535 F11
POLL
FAULT
BUFFER
RE
RO
DI
DE
GND
LTC1535
FAULT
VCC
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com