Electronic Components Datasheet Search
  English  ▼

X  

TCSS1100 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCSS1100
Description  Transmissive Optical Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCSS1100 Datasheet(HTML) 3 Page - Vishay Siliconix

  TCSS1100 Datasheet HTML 1Page - Vishay Siliconix TCSS1100 Datasheet HTML 2Page - Vishay Siliconix TCSS1100 Datasheet HTML 3Page - Vishay Siliconix TCSS1100 Datasheet HTML 4Page - Vishay Siliconix TCSS1100 Datasheet HTML 5Page - Vishay Siliconix TCSS1100 Datasheet HTML 6Page - Vishay Siliconix TCSS1100 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TCSS1100/ TCSS2100
Vishay Telefunken
3 (7)
www.vishay.com
Document Number 83761
Rev. A4, 08–Jun–99
Switching Characteristics
Parameter
Test Conditions
Symbol
Typ.
Unit
Rise time
VS1 = VS2 = 5 V, IF = 3 x IFT, RL = 1 kW (see figure 1)
tr
50.0
ns
Turn-on time
S1
S2
F
FT
L
ton
1.0
ms
Fall time
tf
20.0
ns
Turn-off time
toff
3.0
ms
Channel I
Channel II
IF
3 x IF
0
95 10791
IO
VS1 = 5 V
IS1
VO
RL 270 Ω (1 kΩ)
VS2 = 5 V (16 V)
RG = 50 W
tp
tp = 50 ms
T
= 0.01
50
W
Oscilloscope
RL y 1 MW
CL x 20 pF
Figure 1. Test circuit for: tr, ton, tf, toff
50%
o
ton
Channel II
o
90%
10%
95 10819
Channel I
toff
IF
VO
tf
tr
Figure 2. Pulse diagram
VO
95 10820
HIGH
LOW
0.8
1.0
IFoff
IFon
IFrel
Figure 3. Hysteresis



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com