Electronic Components Datasheet Search
  English  ▼

X  

TCST1210 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TCST1210
Description  Transmissive Optical Sensor with Phototransistor Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST1210 Datasheet(HTML) 4 Page - Vishay Siliconix

  TCST1210 Datasheet HTML 1Page - Vishay Siliconix TCST1210 Datasheet HTML 2Page - Vishay Siliconix TCST1210 Datasheet HTML 3Page - Vishay Siliconix TCST1210 Datasheet HTML 4Page - Vishay Siliconix TCST1210 Datasheet HTML 5Page - Vishay Siliconix TCST1210 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TCST1210
Vishay Telefunken
www.vishay.com
4 (6)
Rev. A1, 08–Jun–99
Document Number 83769
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0
0.4
0.8
1.2
1.6
VF – Forward Voltage ( V )
2.0
16097
0.1
1
10
100
Figure 3. Forward Current vs. Forward Voltage
–25
0
25
50
0.4
0.6
0.8
1.0
1.2
Tamb – Ambient Temperature ( °C )
100
16098
75
VCE=10V
IF=10mA
Figure 4. Relative Current Transfer Ratio vs. Ambient
Temperature
025
50
75
Tamb – Ambient Temperature ( °C )
100
16099
VCE=10V
IF=0
1
10
100
1000
Figure 5. Collector Dark Current vs. Ambient Temperature
0.1
1
10
0.001
0.01
0.1
10
IF – Forward Current ( mA )
100
16100
1
VCE = 5V
Figure 6. Collector Current vs. Forward Current
0.1
1
10
0.01
0.1
1
10
VCE – Collector Emitter Voltage ( V )
100
16101
20mA
10mA
5mA
2mA
1mA
IF=50mA
Figure 7. Collector Current vs. Collector Emitter Voltage
0.1
1
10
0.1
1
10
100
IF – Forward Current ( mA )
100
16102
VCE=5V
Figure 8. Current Transfer Ratio vs. Forward Current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com