Electronic Components Datasheet Search
  English  ▼

X  

15632I Datasheet(PDF) 3 Page - Linear Technology

Part # 15632I
Description  Active RC, 4th Order Lowpass Filter Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

15632I Datasheet(HTML) 3 Page - Linear Technology

  15632I Datasheet HTML 1Page - Linear Technology 15632I Datasheet HTML 2Page - Linear Technology 15632I Datasheet HTML 3Page - Linear Technology 15632I Datasheet HTML 4Page - Linear Technology 15632I Datasheet HTML 5Page - Linear Technology 15632I Datasheet HTML 6Page - Linear Technology 15632I Datasheet HTML 7Page - Linear Technology 15632I Datasheet HTML 8Page - Linear Technology 15632I Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1563-2/LTC1563-3
156323fa
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Offset Voltage, LP Mode
VS = 2.7V, fC = 25.6kHz, RFIL = 100k
●
±2
±7mV
(Input to Output, Sections A, B Cascaded)
VS = 4.75V, fC = 25.6kHz, RFIL = 100k
●
±2
±7mV
VS = ±5V, fC = 25.6kHz, RFIL = 100k
●
±2
±8mV
DC Offset Voltage Drift, HS Mode
VS = 3V, fC = 25.6kHz, RFIL = 100k
●
10
µV/°C
(Input to Output, Sections A, B Cascaded)
VS = 4.75V, fC = 25.6kHz, RFIL = 100k
●
10
µV/°C
VS = ±5V, fC = 25.6kHz, RFIL = 100k
●
10
µV/°C
DC Offset Voltage Drift, LP Mode
VS = 2.7V, fC = 25.6kHz, RFIL = 100k
●
10
µV/°C
(Input to Output, Sections A, B Cascaded)
VS = 4.75V, fC = 25.6kHz, RFIL = 100k
●
10
µV/°C
VS = ±5V, fC = 25.6kHz, RFIL = 100k
●
10
µV/°C
AGND Voltage
VS = 4.75V, fC = 25.6kHz, RFIL = 100k
●
2.35
2.375
2.40
V
Power Supply Current, HS Mode
VS = 3V, fC = 25.6kHz, RFIL = 100k
●
8.0
14
mA
VS = 4.75V, fC = 25.6kHz, RFIL = 100k
●
10.5
17
mA
VS = ±5V, fC = 25.6kHz, RFIL = 100k
●
15
23
mA
Power Supply Current, LP Mode
VS = 2.7V, fC = 25.6kHz, RFIL = 100k
●
1.0
1.8
mA
VS = 4.75V, fC = 25.6kHz, RFIL = 100k
●
1.4
2.5
mA
VS = ±5V, fC = 25.6kHz, RFIL = 100k
●
2.3
3.5
mA
Shutdown Mode Supply Current
VS = 4.75V, fC = 25.6kHz, RFIL = 100k
●
120
µA
EN Input
VS = 3V
●
0.8
V
Logic Low Level
VS = 4.75V
●
1V
VS = ±5V
●
1V
EN Input
VS = 3V
●
2.5
V
Logic High Level
VS = 4.75V
●
4.3
V
VS = ±5V
●
4.4
V
LP
VS = 3V
●
0.8
V
Logic Low Level
VS = 4.75V
●
1V
VS = ±5V
●
1V
LP
VS = 3V
●
2.5
V
Logic High Level
VS = 4.75V
●
4.3
V
VS = ±5V
●
4.4
V
LTC1563-2 Transfer Function Characteristics
Cutoff Frequency Range, fC
VS = 3V
●
0.256
256
kHz
HS Mode
VS = 4.75V
●
0.256
256
kHz
(Note 2)
VS = ±5V
●
0.256
256
kHz
Cutoff Frequency Range, fC
VS = 2.7V
●
0.256
25.6
kHz
LP Mode
VS = 4.75V
●
0.256
25.6
kHz
(Note 2)
VS = ±5V
●
0.256
25.6
kHz
Cutoff Frequency Accuracy, HS Mode
VS = 3V, RFIL = 100k
●
–2.0
±1.5
3.5
%
fC = 25.6kHz
VS = 4.75V, RFIL = 100k
●
–2.0
±1.5
3.5
%
VS = ±5V, RFIL = 100k
●
–2.0
±1.5
3.5
%
Cutoff Frequency Accuracy, HS Mode
VS = 3V, RFIL = 10k
●
–5
±1.5
2.5
%
fC = 256kHz
VS = 4.75V, RFIL = 10k
●
–5
±1.5
2.5
%
VS = ±5V, RFIL = 10k
●
–5
±1.5
2.5
%
Cutoff Frequency Accuracy, LP Mode
VS = 2.7V, RFIL = 100k
●
–3
±1.5
3
%
fC = 25.6kHz
VS = 4.75V, RFIL = 100k
●
–3
±1.5
3
%
VS = ±5V, RFIL = 100k
●
–3
±1.5
3
%
Cutoff Frequency Temperature Coefficient
(Note 3)
●
±1
ppm/
°C
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VS = Single 4.75V, EN pin to logic “low,” Gain = 1, RFIL = R11 = R21 = R31 = R12 = R22 = R32, specifications apply to both the high
speed (HS) and low power (LP) modes unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com