Electronic Components Datasheet Search
  English  ▼

X  

TCUT1200 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCUT1200
Description  Subminiature Dual Channel Optical Sensor with Phototransistor Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCUT1200 Datasheet(HTML) 3 Page - Vishay Siliconix

  TCUT1200 Datasheet HTML 1Page - Vishay Siliconix TCUT1200 Datasheet HTML 2Page - Vishay Siliconix TCUT1200 Datasheet HTML 3Page - Vishay Siliconix TCUT1200 Datasheet HTML 4Page - Vishay Siliconix TCUT1200 Datasheet HTML 5Page - Vishay Siliconix TCUT1200 Datasheet HTML 6Page - Vishay Siliconix TCUT1200 Datasheet HTML 7Page - Vishay Siliconix TCUT1200 Datasheet HTML 8Page - Vishay Siliconix TCUT1200 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TCUT1200
Vishay Telefunken
3 (9)
www.vishay.com
Document Number 83755
Rev. A7, 01–Jun–99
Electrical Characteristics (Tamb = 25°C)
Input (Emitter)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 15 mA
VF
1.2
1.5
V
Reverse current
VR = 5 V
IR
10
mA
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
50
pF
Output (Detector)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector emitter voltage
IC = 1 mA
VCEO
70
V
Emitter collector voltage
IE = 100 mA
VECO
7
V
Collector emitter cut-off
current
VCE = 25 V, IF = 0, E = 0
ICEO
10
100
nA
Coupler
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector current per
channel
VCE = 5 V, IF = 15 mA
IC
300
500
mA
Collector emitter
saturation voltage
IF = 15 mA, IC = 0.05 mA
VCEsat
0.4
V
0
50
100
150
200
0
255075
100
Tamb – Ambient Temperature ( °C )
13664
Emitter / Detector
Sensor
Figure 1. Derating diagram
13887
74HCT14
GND
GND
IF = 15 mA
+ VC = 5 V
10 k
W
VE
UQ
Figure 2. Application example



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com