Electronic Components Datasheet Search
  English  ▼

X  

TCST2300 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCST2300
Description  Transmissive Optical Sensor with Phototransistor Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST2300 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCST2300 Datasheet HTML 1Page - Vishay Siliconix TCST2300 Datasheet HTML 2Page - Vishay Siliconix TCST2300 Datasheet HTML 3Page - Vishay Siliconix TCST2300 Datasheet HTML 4Page - Vishay Siliconix TCST2300 Datasheet HTML 5Page - Vishay Siliconix TCST2300 Datasheet HTML 6Page - Vishay Siliconix TCST2300 Datasheet HTML 7Page - Vishay Siliconix TCST2300 Datasheet HTML 8Page - Vishay Siliconix TCST2300 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TCST110. up to TCST230.
Vishay Telefunken
1 (9)
www.vishay.com
Document Number 83764
Rev. A5, 08–Jun–99
Transmissive Optical Sensor with Phototransistor
Output
Description
This device has a compact construction where the
emitting-light sources and the detectors are located
face-to-face on the same optical axis. The operating
wavelength is 950 nm. The detector consists of a
phototransistor.
Applications
D Contactless optoelectronic switch, control and
counter
Features
D Compact construction
D No setting efforts
D Polycarbonate case protected against
ambient light
D 2 case variations
D 3 different apertures
D CTR selected in groups
(regarding fourth number of type designation)
15136
A)
B)
+
+
95 10796
7.6
0.3”
E
D
Top view
Order Instruction
Ordering Code
Resolution (mm) / Aperture (mm)
Remarks
TCST1103A)
0.6
/
1.0
No mounting flags
TCST2103B)
With two mounting flags
TCST1202A)
0.4
/
0.5
No mounting flags
TCST2202B)
With two mounting flags
TCST1300A)
0.2
/
0.25
No mounting flags
TCST2300B)
With two mounting flags


Similar Part No. - TCST2300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCST2300 VISHAY-TCST2300 Datasheet
153Kb / 9P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST2300 VISHAY-TCST2300 Datasheet
263Kb / 11P
Reflective Optical Sensor with Transistor Output
17-Aug-09
TCST2300 VISHAY-TCST2300 Datasheet
273Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST2300 VISHAY-TCST2300 Datasheet
317Kb / 13P
Subminiature Transmissive Optical Sensor with Transistor Output
14-Mar-13
TCST2300 VISHAY-TCST2300 Datasheet
273Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
More results

Similar Description - TCST2300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCST1210 VISHAY-TCST1210 Datasheet
52Kb / 6P
Transmissive Optical Sensor with Phototransistor Output
08-Jun-99
TCST5123 VISHAY-TCST5123 Datasheet
76Kb / 7P
Transmissive Optical Sensor with Phototransistor Output
08-Jun-99
TCST1030 VISHAY-TCST1030_06 Datasheet
164Kb / 10P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1230 VISHAY-TCST1230_06 Datasheet
138Kb / 7P
Transmissive Optical Sensor with Phototransistor Output
06-Nov-06
TCST5250 VISHAY-TCST5250_06 Datasheet
185Kb / 8P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1103 VISHAY-TCST1103 Datasheet
153Kb / 9P
Transmissive Optical Sensor with Phototransistor Output
16-Aug-06
TCST1030 VISHAY-TCST1030_10 Datasheet
243Kb / 11P
Transmissive Optical Sensor with Phototransistor Output
20-Sep-10
TCST2103 VISHAY-TCST2103_09 Datasheet
273Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST5250 VISHAY-TCST5250_09 Datasheet
312Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
TCST5250 VISHAY-TCST5250 Datasheet
310Kb / 12P
Transmissive Optical Sensor with Phototransistor Output
17-Aug-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com