| Electronic Components Datasheet Search |
|
LTC1594 Datasheet(PDF) 3 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1594 Datasheet(HTML) 3 Page - Linear Technology |
|
3 / 24 page ![]() 3 LTC1594/LTC1598 15948fb CONVERTER AND MULTIPLEXER CHARACTERISTICS PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX UNITS Resolution (No Missing Codes) ● 12 12 Bits Integral Linearity Error (Note 6) ● ±3 ±3LSB Differential Linearity Error ● ± 3/4 ±1LSB Offset Error ● ±3 ±3LSB Gain Error ● ±8 ±8LSB REF Input Range (Notes 7, 8) 1.5V to VCC + 0.05V V Analog Input Range (Notes 7, 8) – 0.05V to VCC + 0.05V V MUX Channel Input Leakage Current Off Channel ● ±200 ±200 nA MUXOUT Leakage Current Off Channel ● ±200 ±200 nA ADCIN Input Leakage Current (Note 9) ● ±1 ±1 μA SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS S/(N + D) Signal-to-Noise Plus Distortion Ratio 1kHz Input Signal 71 dB THD Total Harmonic Distortion (Up to 5th Harmonic) 1kHz Input Signal – 78 dB SFDR Spurious-Free Dynamic Range 1kHz Input Signal 80 dB Peak Harmonic or Spurious Noise 1kHz Input Signal – 80 dB DYNAMIC ACCURACY DIGITAL AND DC ELECTRICAL CHARACTERISTICS SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VIH High Level Input Voltage VCC = 5.25V ● 2.6 V VIL Low Level Input Voltage VCC = 4.75V ● 0.8 V IIH High Level Input Current VIN = VCC ● 2.5 μA IIL Low Level Input Current VIN = 0V ● – 2.5 μA VOH High Level Output Voltage VCC = 4.75V, IO = – 10μA ● 4.0 4.64 V VCC = 4.75V, IO = –360A ● 2.4 4.62 V VOL Low Level Output Voltage VCC = 4.75V, IO = 1.6mA ● 0.4 V IOZ Hi-Z Output Leakage CS = High ● ±3 μA ISOURCE Output Source Current VOUT = 0V – 25 mA ISINK Output Sink Current VOUT = VCC 45 mA RREF Reference Input Resistance CS = VIH 5000 M Ω CS = VIL 55 k Ω IREF Reference Current CS = VCC ● 0.001 2.5 μA tCYC ≥ 760μs, fCLK ≤ 25kHz 90 μA tCYC ≥ 60μs, fCLK ≤ 320kHz ● 90 140 μA ICC Supply Current CS = VCC, CLK = VCC, DIN = VCC ● 0.001 ±7 μA tCYC ≥ 760μs, fCLK ≤ 25kHz 320 μA tCYC ≥ 60μs, fCLK ≤ 320kHz ● 320 690 μA (Note 5) fSMPL = 16.8kHz LTC1594CS/LTC1598CG LTC1594IS/LTC1598IG The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 5) The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 5) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |