Electronic Components Datasheet Search
  English  ▼

X  

LTC1646 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1646
Description  CompactPCI Dual Hot Swap Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1646 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1646 Datasheet HTML 12Page - Linear Technology LTC1646 Datasheet HTML 13Page - Linear Technology LTC1646 Datasheet HTML 14Page - Linear Technology LTC1646 Datasheet HTML 15Page - Linear Technology LTC1646 Datasheet HTML 16Page - Linear Technology LTC1646 Datasheet HTML 17Page - Linear Technology LTC1646 Datasheet HTML 18Page - Linear Technology LTC1646 Datasheet HTML 19Page - Linear Technology LTC1646 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC1646
18
1646fa
Table 6. N-Channel Power MOSFET Selection Guide
CURRENT LEVEL (A)
PART NUMBER
DESCRIPTION
MANUFACTURER
0 to 2
MMDF3N02HD
Dual N-Channel SO-8
ON Semiconductor
RDS(ON) = 0.1Ω
2 to 5
MMSF5N02HD
Single N-Channel SO-8
ON Semiconductor
RDS(ON) = 0.025Ω
5 to 10
MTB50N06V
Single N-Channel DD Pak
ON Semiconductor
RDS(ON) = 0.028Ω
5 to 10
IRF7413
Single N-Channel SO-8
International Rectifier
RDS(ON) = 0.01Ω
5 to 10
Si4410DY
Single N-Channel SO-8
Vishay-Siliconix
RDS(ON) = 0.01Ω
Table 7. Sense Resistor Selection Guide
CURRENT LIMIT VALUE
PART NUMBER
DESCRIPTION
MANUFACTURER
1A
LR120601R055F
0.055
Ω, 0.5W, 1% Resistor
IRC-TT
WSL1206R055
Vishay-Dale
2A
LR120601R028F
0.028
Ω, 0.5W, 1% Resistor
IRC-TT
WSL1206R028
Vishay-Dale
5A
LR120601R011F
0.011
Ω, 0.5W, 1% Resistor
IRC-TT
WSL2010R011
Vishay-Dale
7.6A
WSL2512R007
0.007
Ω, 1W, 1% Resistor
Vishay-Dale
10A
WSL2512R005
0.005
Ω, 1W, 1% Resistor
Vishay-Dale
PCB Layout Considerations
For proper operation of the LTC1646’s circuit breaker
function, a 4-wire Kelvin connection to the sense resistors
is highly recommended. A recommended PCB layout for
the sense resistor, the power MOSFET, and the GATE drive
components around the LTC1646 is illustrated in
Figure 15. In Hot Swap applications where load currents
can reach 10A, narrow PCB tracks exhibit more resistance
than wider tracks and operate at more elevated tempera-
tures. Since the sheet resistance of 1 ounce copper foil is
approximately 0.5m
Ω/■
■,trackresistancesaddupquickly
in high current applications. Thus, to keep PCB track
resistance and temperature rise to a minimum, the sug-
gested trace width in these applications for 1 ounce
copper foil is 0.03" for each ampere of DC current.
In the majority of applications, it will be necessary to use
plated-through vias to make circuit connections from
component layers to power and ground layers internal to
the PC board. For 1 ounce copper foil plating, a general rule
is 1A of DC current per via, making sure the via is properly
dimensioned so that solder completely fills any void. For
other plating thicknesses, check with your PCB fabrication
facility.
Power MOSFET and Sense Resistor Selection
Table 6 lists some current MOSFET transistors that are
available and Table 7 lists some current sense resistors
that can be used with the LTC1646’s circuit breakers.
Table 8 lists supplier web site addresses for discrete
component mentioned throughout the LTC1646 data sheet.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com