Electronic Components Datasheet Search
  English  ▼

X  

BXA3 Datasheet(PDF) 4 Page - Emerson Network Power

Part # BXA3
Description  3 Watts in DIL Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

BXA3 Datasheet(HTML) 4 Page - Emerson Network Power

  BXA3 Datasheet HTML 1Page - Emerson Network Power BXA3 Datasheet HTML 2Page - Emerson Network Power BXA3 Datasheet HTML 3Page - Emerson Network Power BXA3 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Embedded Power for
Business-Critical Continuity
Rev.03.07.07
bxa3
4 of 4
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2007 Emerson Electric Co.
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
16th - 17th Floors, Lu Plaza
2 Wing Yip Street, Kwun Tong
Kowloon, Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.powerconversion.com
technicalsupport@powerconversion.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
0.020 Dia.
(0.5)
0.60
(15.2)
0.80
(20.3)
23
22
2
3
16
15
14
ALL DIMENSIONS IN Inches (mm)
ALL PINS ARE IN TRUE POSITION WITHIN .010 DIA. @ M.M.C.
TOLERANCE
.XX
=
± 0.02
(INCHES)
.XXX =
± 0.005
9
10
11
0.175
(4.5)
0.1
(2.5)
0.6
(15.2)
0.1
(2.5)
1.25
(31.8)
0.02
(0.5)
0.50
(12.7)
0.12 Typ
(3.0)
DOT ON TOP
REFERENCES
PIN 2
0.1
(2.5)
0.1
(2.5)
0.03
(0.762)
BOTTOM VIEW
2.5/3W
0W
0
°C 10°C 20°C 30°C 40°C 50°C 60°C 70°C 80°C 90°C 100°C 110°C
-25
°C -20°C -10°C
71
°C
85
°C
105
°C
DERATING CURVE
Output Power (Watts)
PIN CONNECTIONS
PIN NUMBER
SINGLE OUTPUT
DUAL OUTPUT
2
–Vin
–Vin
3
–Vin
–Vin
22
+Vin
+Vin
23
+Vin
+Vin
9
No Pin
Common
10
No Pin
No Pin
11
No Connection
-Vout
14
+Vout
+Vout
15
No Pin
No Pin
16
-Vout
Common



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com