Electronic Components Datasheet Search
  English  ▼

X  

LTC1649CS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1649CS
Description  3.3V Input High Power Step-Down Switching Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1649CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1649CS Datasheet HTML 8Page - Linear Technology LTC1649CS Datasheet HTML 9Page - Linear Technology LTC1649CS Datasheet HTML 10Page - Linear Technology LTC1649CS Datasheet HTML 11Page - Linear Technology LTC1649CS Datasheet HTML 12Page - Linear Technology LTC1649CS Datasheet HTML 13Page - Linear Technology LTC1649CS Datasheet HTML 14Page - Linear Technology LTC1649CS Datasheet HTML 15Page - Linear Technology LTC1649CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1649
The LTC1649 detects the output current by watching the
voltage at IFB while Q1 is ON. The ILIM amplifier compares
this voltage to the voltage at IMAX (Figure 7). In the ON
state, Q1 has a known resistance; by calculating back-
wards, the voltage generated at IFB by the maximum
output current in Q1 can be determined. As IFB falls below
IMAX, ILIM will begin to sink current from the soft start pin,
causing the voltage at SS to fall. As SS falls, it will limit the
output duty cycle, limiting the current at the output.
Eventually the system will reach equilibrium, where the
pull-up current at the SS pin matches the pull-down
current in the ILIM amplifier; the LTC1649 will stay in this
state until the overcurrent condition disappears. At this
time IFB will rise, ILIM will stop sinking current and the
internal pull-up will recharge the soft start capacitor,
restoring normal operation. Note that the IFB pin requires
an external 1k series resistor to prevent voltage transients
at the drain of Q2 from damaging internal structures.
The ILIM amplifier pulls current out of SS in proportion to
the difference between IFB and IMAX. Under mild overload
conditions, the SS pin will fall gradually, creating a time
delay before current limit takes effect. Very short, mild
overloads may not trip the current limit circuit at all.
Longer overload conditions will allow the SS pin to reach
a steady level, and the output will remain at a reduced
voltage until the overload is removed. Serious overloads
will generate a larger overdrive at ILIM, allowing it to pull SS
down more quickly and preventing damage to the output
components.
The ILIM amplifier output is disabled when Q1 is OFF to
prevent the low IFB voltage in this condition from activating
the current limit. It is re-enabled a fixed 170ns after Q1
turns on; this allows for the IFB node to slew back high and
the ILIM amplifier to settle to the correct value. As the
LTC1649 goes deeper into current limit, it will reach a point
where the Q1 on-time needs to be cut to below 170ns to
control the output current. This conflicts with the mini-
mum settling time needed for proper operation of the ILIM
amplifier. At this point, a secondary current limit circuit
begins to reduce the internal oscillator frequency, length-
ening the off-time of Q1 while the on-time remains con-
stant at 170ns. This further reduces the duty cycle, allow-
ing the LTC1649 to maintain control over the output
current.
Under extreme output overloads or short circuits, the ILIM
amplifier will pull the SS pin more than 2V below VCC in a
single switching cycle, cutting the duty cycle to zero. At
this point all switching stops, the output current decays
through Q2 and the LTC1649 runs a partial soft start cycle
and restarts. If the short is still present the cycle will
repeat. Peak currents can be quite high in this condition,
but the average current is controlled and a properly
designed circuit can withstand short circuits indefinitely
with only moderate heat rise in the output FETs. In addi-
tion, the soft start cycle repeat frequency can drop into the
low kHz range, causing vibrations in the inductor which
provide an audible alarm that something is wrong.
Shutdown
The LTC1649 includes a low power shutdown mode,
controlled by the logic at the SHDN pin. A high at SHDN
allows the part to operate normally. A low level at SHDN
stops all internal switching, pulls COMP and SS to ground
internally and turns Q1 and Q2 off. In shutdown, the
LTC1649 itself will drop below 25
µA quiescent current
typically, although off-state leakage in the external MOS-
FETs may cause the total VIN current to be somewhat
higher, especially at elevated temperatures. When SHDN
rises again, the LTC1649 will rerun a soft start cycle and
APPLICATIONS INFORMATION
Figure 7. Current Limit Operation
–
+
ILIM
LTC1649
1649 F07
RIMAX
VIN
IMAX
IFB
SS
CSS
12
µA
Q1
Q2
12
µA
VCC
1k
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com