Electronic Components Datasheet Search
  English  ▼

X  

BXA40 Datasheet(PDF) 1 Page - Emerson Network Power

Part # BXA40
Description  Pin-compatible with NFC40 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

BXA40 Datasheet(HTML) 1 Page - Emerson Network Power

  BXA40 Datasheet HTML 1Page - Emerson Network Power BXA40 Datasheet HTML 2Page - Emerson Network Power BXA40 Datasheet HTML 3Page - Emerson Network Power BXA40 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The BXA40 Series providing up to 40 Watts, has been conceived as
an applications specific range of dc-dc converters, specifically
addressing telecommunications, industrial electronics, test
equipment, mobile telecommunications and distributed power
applications. The series offers two wide input voltage ranges, 18
Vdc to 36 Vdc and 36 Vdc to 75 Vdc, and is available with single
outputs from 2.9 V to 12 V. The BXA40 series is designed to meet
ETSI telecoms interface standards ETS300-132-2. Together with
internal filtering, safety approval to IEC950 and basic insulation,
the 48 V models are ideal for telecommunications applications.
The 24 V models are particularly suited to industrial and test
equipment applications, featuring EN61000-4-2, -3, -4, -5 and -6
immunity compliance. Other features include low output ripple,
overvoltage protection, indefinite short circuit protection, remote
enable and remote sense.
Embedded Power for
Business-Critical Continuity
BXA40 Series
Single output
Special Features
• Pin-compatible with
NFC40 Series
• Meets telecom power supply
interface standard
ETS300-132-2
• EN60950, CSA C22.2 No. 950
and UL1950 safety approvals
• EN61000-4-2, -3, -4, -5, -6
immunity compliant
• Fixed frequency operation at
350 kHz typ.
• MTBF in excess of
500,000 hours
• Basic insulation system with
1500 Vdc isolation
• Remote sense on low voltage
logic outputs
• Output voltage trim
• Available RoHS compliant
• 2 year warranty
Total Power:
40W
Input Voltage: 18 - 36VDC
36 - 75VDC
# of Outputs:
Single
Safety
VDE0805/EN60950/IEC950
File No. 14501-3336-7009
Licence No. 6296
UL1950 File No. E174104
CSA C22.2 No. 950
File No. LR41062C
Rev.03.08.07
bxa40s
1 of 4


Similar Part No. - BXA40

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXA40 ARTESYN-BXA40 Datasheet
74Kb / 3P
40W Wide Input DC/DC Converters
BXA40-24S05-M ARTESYN-BXA40-24S05-M Datasheet
74Kb / 3P
40W Wide Input DC/DC Converters
BXA40-24S3V3-SM ARTESYN-BXA40-24S3V3-SM Datasheet
74Kb / 3P
40W Wide Input DC/DC Converters
BXA40-48S05-M ARTESYN-BXA40-48S05-M Datasheet
74Kb / 3P
40W Wide Input DC/DC Converters
BXA40-48S12-M ARTESYN-BXA40-48S12-M Datasheet
74Kb / 3P
40W Wide Input DC/DC Converters
More results

Similar Description - BXA40

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX93011 CONEXANT-CX93011 Datasheet
195Kb / 2P
Pin compatible with CX90240 chipset
logo
Linear Technology
LT1011AIS8 LINER-LT1011AIS8 Datasheet
239Kb / 20P
Pin Compatible with LM111 Series Devices
logo
ATMEL Corporation
SAM3N ATMEL-SAM3N_14 Datasheet
1Mb / 60P
Pin-to-pin compatible with SAM7S legacy products
logo
AIMTEC
AM2DS-NZ AIMTEC-AM2DS-NZ Datasheet
193Kb / 5P
Pin compatible with multiple manufacturers
AM2N-N-Z AIMTEC-AM2N-N-Z Datasheet
208Kb / 4P
Pin Compatible With Multiple Manufacturers
AM3T-PNZ AIMTEC-AM3T-PNZ Datasheet
216Kb / 4P
Pin compatible with multiple manufacturers
AM3T-R-Z AIMTEC-AM3T-R-Z Datasheet
278Kb / 4P
Pin compatible with multiple manufacturers
AM3TW-R-Z AIMTEC-AM3TW-R-Z Datasheet
226Kb / 3P
Pin compatible with multiple manufacturers
AM4TW-R-Z AIMTEC-AM4TW-R-Z Datasheet
225Kb / 3P
Pin compatible with multiple manufacturers
AM6T-NZ AIMTEC-AM6T-NZ Datasheet
252Kb / 4P
Pin compatible with multiple manufacturers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com