Electronic Components Datasheet Search
  English  ▼

X  

TS80C52X2-LCKB Datasheet(PDF) 43 Page - TEMIC Semiconductors

Part # TS80C52X2-LCKB
Description  8-bit CMOS Microcontroller 0-60 MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C52X2-LCKB Datasheet(HTML) 43 Page - TEMIC Semiconductors

Back Button TS80C52X2-LCKB Datasheet HTML 39Page - TEMIC Semiconductors TS80C52X2-LCKB Datasheet HTML 40Page - TEMIC Semiconductors TS80C52X2-LCKB Datasheet HTML 41Page - TEMIC Semiconductors TS80C52X2-LCKB Datasheet HTML 42Page - TEMIC Semiconductors TS80C52X2-LCKB Datasheet HTML 43Page - TEMIC Semiconductors TS80C52X2-LCKB Datasheet HTML 44Page - TEMIC Semiconductors TS80C52X2-LCKB Datasheet HTML 45Page - TEMIC Semiconductors TS80C52X2-LCKB Datasheet HTML 46Page - TEMIC Semiconductors TS80C52X2-LCKB Datasheet HTML 47Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
Rev. B - Jan. 25, 1999
43
Preliminary
TS80C52X2
Figure 16. Clock Signal Waveform for ICC Tests in Active and Idle Modes
10.4 AC Parameters
10.4.1 Explanation of the AC Symbols
Each timing symbol has 5 characters. The first character is always a “T” (stands for time). The other characters,
depending on their positions, stand for the name of a signal or the logical status of that signal. The following is
a list of all the characters and what they stand for.
Example:TAVLL = Time for Address Valid to ALE Low.
TLLPL = Time for ALE Low to PSEN Low.
TA =0to+70
°C; V
SS =0V;VCC =5V ± 10%; -M and -V ranges.
TA = -40
°Cto+85°C; V
SS =0V;
VCC =5V ± 10%; -M and -V ranges.
TA =0to+70
°C; V
SS =0V;2.7V<VCC < 5.5 V; -L range.
TA = -40
°Cto+85°C; V
SS =0V;2.7V<VCC < 5.5 V; -L range.
(Load Capacitance for port 0, ALE and PSEN = 100 pF; Load Capacitance for all other outputs = 80 pF.)
Table 24., Table 27. and Table 30. give the description of each AC symbols.
Table 25., Table 28. and Table 31. give for each range the AC parameter.
Table 26., Table 29. and Table 32. give the frequency derating formula of the AC parameter. To calculate each
AC symbols, take the x value corresponding to the speed grade you need (-M, -V or -L) and replace this value
in the formula.
Example:
TLLIV in X2 mode for a -V part at 25 MHz:
x= 22
T= 40ns
TLLIV=2T-x=2x40-22= 58ns
VCC-0.5V
0.45V
0.7VCC
0.2VCC-0.1
TCLCH
TCHCL
TCLCH = TCHCL = 5ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com