Electronic Components Datasheet Search
  English  ▼

X  

CXE15 Datasheet(PDF) 3 Page - Emerson Network Power

Part # CXE15
Description  15 W High Efficiency DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

CXE15 Datasheet(HTML) 3 Page - Emerson Network Power

  CXE15 Datasheet HTML 1Page - Emerson Network Power CXE15 Datasheet HTML 2Page - Emerson Network Power CXE15 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet © Artesyn Technologies® 2006
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
CXE15 Series
Single output
DC-DC CONVERTERS 15 W High Efficiency DC-DC Converters
3
Please consult our website for the following items:
 Application Note  Longform Data Sheet
www.artesyn.com
File Name: cxe15s.pdf Rev: 01 Mar 2006
International Safety Standard Approvals
UL/cUL 1950 3rd edition. File No. E135734
TÜV Rheinland. Certificate No. R2074133
File No. 10401-3336-0916
1.000 (25.40)
TOP VIEW
SIDE VIEW
BOTTOM VIEW
2.000 (50.80)
0.600 (15.24)
0.600 (15.24)
0.800 (20.32)
0.200 (5.08)
0.300 (7.62)
0.10
(2.54)
0.400 (10.16)
0.800 (20.32)
0.120 (3.05)
0.100
(2.54)
0.800 (20.32)
Case Outline
0.400 (10.16)
0.400 (10.16)
0.040 (1.016)
0.200
(5.08)
0.200 (5.08)
.200(5.08) .560 (14.22)
.060 (1.52)
Standoff (4 places)
Plated Through Hole
0.052-0.06 (1.321-1.40) typical
Recommended Hole Pattern
0.015 (0.38)
0.350 (8.89)
0.400 (10.16)
0.600 (15.24)
1
2
4
5
6
3
0.040 (1.02)
4
5
6
3
1
2
Dimensions in Inches [mm]
PIN CONNECTIONS
PIN NUMBER
FEATURE
1
Vin -
2
Vin +
3
On/Off (See Note 10)
4
Vout +
5
Trim (See Note 10)
6
Vout -
TÜV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com