Electronic Components Datasheet Search
  English  ▼

X  

TDSL110 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TDSL110
Description  300 mW Dual Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSL110 Datasheet(HTML) 2 Page - Vishay Siliconix

  TDSL110 Datasheet HTML 1Page - Vishay Siliconix TDSL110 Datasheet HTML 2Page - Vishay Siliconix TDSL110 Datasheet HTML 3Page - Vishay Siliconix TDSL110 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AZ23C2V7–AZ23C51
Vishay Telefunken
Rev. 1, 01-Apr-99
2 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85591
Type
Marking
VZ
ZZT
ZZK
TC
VR
AZ23C...
V
W
W
%/
°C
V
@ IZT=5mA
@ IZT=5mA @ IZT=1mA
@ IR=0.1mA
2V7
KD1
2.5 to 2.9
83
500
–0.065
–
3V0
KD2
2.8 to 3.2
95
500
–0.060
–
3V3
KD3
3.1 to 3.5
95
500
–0.055
–
3V6
KD4
3.4 to 3.8
95
500
–0.055
–
3V9
KD5
3.7 to 4.1
95
500
–0.050
–
4V3
KD6
4.0 to 4.6
95
500
–0.035
–
4V7
KD7
4.4 to 5.0
78
500
–0.015
–
5V1
KD8
4.8 to 5.4
60
480
+0.005
0.8
5V6
KD9
5.2 to 6.0
40
400
+0.020
1.0
6V2
KDA
5.8 to 6.6
10
200
+0.030
2.0
6V8
KDB
6.4 to 7.2
8
150
+0.045
3.0
7V5
KDC
7.0 to 7.9
7
50
+0.050
5.0
8V2
KDD
7.7 to 8.7
7
50
+0.055
6.0
9V1
KDE
8.5 to 9.6
10
50
+0.065
7.0
10
KDF
9.4 to 10.6
15
70
+0.065
7.5
11
KDG
10.4 to 11.6
20
70
+0.070
8.5
12
KDH
11.4 to 12.7
20
90
+0.075
9.0
13
KDI
12.4 to 14.1
25
110
+0.080
10.0
15
KDJ
13.8 to 15.6
30
110
+0.080
11.0
16
KDK
15.3 to 17.1
40
170
+0.090
12.0
18
KDL
16.8 to 19.1
50
170
+0.090
14.0
20
KDM
18.8 to 21.2
50
220
+0.090
15.0
22
KDN
20.8 to 23.3
55
220
+0.090
17.0
24
KDO
22.8 to 25.6
80
220
+0.090
18.0
27
KDP
25.1 to 28.9
80
250
+0.090
20.0
30
KDQ
28 to 32
80
250
+0.090
22.5
33
KDR
31 to 35
80
250
+0.090
25.0
36
KDS
34 to 38
90
250
+0.090
27.0
39
KDT
37 to 41
90
300
+0.110
29.0
43
KDU
40 to 46
100
700
+0.110
32.0
47
KDV
44 to 50
100
750
+0.110
35.0
51
KDW
48 to 54
100
750
+0.110
38.0
1) Device on fiberglass substrate
2) Tested with IZT current pulses. Pulse width = 5 ms.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com