Electronic Components Datasheet Search
  English  ▼

X  

TDSL3160 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TDSL3160
Description  Low Current 10 mm Seven Segment Display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSL3160 Datasheet(HTML) 2 Page - Vishay Siliconix

  TDSL3160 Datasheet HTML 1Page - Vishay Siliconix TDSL3160 Datasheet HTML 2Page - Vishay Siliconix TDSL3160 Datasheet HTML 3Page - Vishay Siliconix TDSL3160 Datasheet HTML 4Page - Vishay Siliconix TDSL3160 Datasheet HTML 5Page - Vishay Siliconix TDSL3160 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TDSL31.0
Vishay Telefunken
2 (6)
Rev. A1, 02-Jun-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83122
Absolute Maximum Ratings
Tamb = 25°C, unless otherwise specified
TDSL3150 /TDSL3160
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage per segment
VR
6
V
DC forward current per segment
IF
15
mA
Peak forward current per segment
IFM
45
mA
Surge forward current per segment
tp ≤ 10
ms
(non repetitive)
IFSM
100
mA
Power dissipation
Tamb ≤ 45
°C
PV
320
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
–40 to + 85
°C
Storage temperature range
Tstg
–40 to + 85
°C
Soldering temperature
t
≤ 3 sec, 2mm below
seating plane
Tsd
260
°C
Thermal resistance LED junction/ambient
RthJA
180
K/W
Optical and Electrical Characteristics
Tamb = 25°C, unless otherwise specified
High efficiency red (TDSL3150 , TDSL3160 )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity per segment
IF = 2 mA
IV
180
260
mcd
yg
(digit average) 1)
IF = 5 mA
IV
1000
mcd
IF = 20 mA, tp/T =0.25
IV
1300
mcd
Dominant wavelength
IF = 2 mA
ld
612
625
nm
Peak wavelength
IF = 2 mA
lp
635
nm
Angle of half intensity
IF = 2 mA
ϕ
±50
deg
Forward voltage per segment
IF = 2 mA
VF
1.8
2.4
V
Forward voltage per segment
IF = 20 mA
VF
2.7
3
V
Reverse voltage per segment
IR = 10
mA
VR
6
20
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
30
pF
1) IVmin and IV groups are mean values of segments a to g



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com