Electronic Components Datasheet Search
  English  ▼

X  

HPS3KW Datasheet(PDF) 1 Page - Emerson Network Power

Part # HPS3KW
Description  Active Power Factor Correction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HPS3KW Datasheet(HTML) 1 Page - Emerson Network Power

  HPS3KW Datasheet HTML 1Page - Emerson Network Power HPS3KW Datasheet HTML 2Page - Emerson Network Power HPS3KW Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev 08.29.05
Americas: 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
1
Special Features - *Module only
Electrical Specs - *Module only
• Active Power Factor Correction
• EN61000-3-2 Harmonic Compliance
• Remote INHIBIT
• Single Wire Parallel
• Built-in EMI Filter
• Low Output Ripple
• +5V standby Output
• Built-in Cooling Fans
• Over Current Protection
• Over Voltage Protection
• Over Temperature Protection
•Hot Swap
• Built-in OR'ing Diodes
Input
Input Range
180-264VAC
Frequency
47 - 63 Hz
Inrush Current
100A (peak)
Efficiency
85% typical at full load
EMI Filter
CISPR22 Class A
Power Factor
0.98 typical
Leakage Current
1.16 mA @ 240 VAC
Output
DC Voltage
51.4V @ 57A*
5Vsb @ 5A
Adjustment Range
± 5%
Supervisory Output
5V @ 5A
Hold Up Time
20ms
Over Current
51.4V: 110% - 150%
5Vsb: 101% - 125%
Over Voltage
60V Max
Logic Control
ENABLE
Requires contact closure from
"PSON" to 5Vsb return.
AC OK
TTL signal LOW
POWER FAIL
TTL signal LOW;
goes HIGH inthe event of failure
POWER GOOD
TTL logic signal goes high 100-
1000 msec after 48VDC output. It
goes LOW at least 1ms before loss
of regulation.
*10% Minimum load required.
Operating Temperature: +5°C to 40°C
Non-Operating Temperature: -40° to +70°C
Electromagnetic Susceptibility: Designed to meet
EN61000-4-2, -4-3, 4-4, -4-5 Level 3
Humidity: 5 to 95% RH, non-condensing
Operating: Sinusoidal Vibration - 0.25G zero to peak,
10 to 500Hz, 0.25 oct/min in each three mutually
perpendicular axes. Random vibration - 0.002 G2/Hz,
10 to 500Hz, nominal 1G rms.
Non-operating: Sinusoidal Vibration - 0.75G zero to
peak, 10 to 500Hz, 0.50 oct/min in each three mutually
perpendicular axes. Random vibration - 0.008 G2/Hz,
10 to 500Hz, nominal 2G rms.
MTBF (demonstrated): >500KHrs at full load, 40°C
Environmental - *Module only
Total Power:
3000 Watts
Input Voltage:
180-264 VAC
# of Outputs:
Single
Safety - *Module only
UL 60950 (UL Recognized)
NEMKO EN60950
TUV EN60950
CE Mark
3000 Watts
HPS3KW


Similar Part No. - HPS3KW

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
HPS3KW ASTEC-HPS3KW Datasheet
225Kb / 3P
3000 Watts
HPS3KW-NNR-032 ASTEC-HPS3KW-NNR-032 Datasheet
225Kb / 3P
3000 Watts
More results

Similar Description - HPS3KW

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
Active power factor correction
HPS35 EMERSON-NETWORKPOWER-HPS35 Datasheet
864Kb / 4P
Active Power Factor Correction
LPQ250 EMERSON-NETWORKPOWER-LPQ250 Datasheet
404Kb / 3P
Active power factor correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
Active power factor correction
LPS350 EMERSON-NETWORKPOWER-LPS350 Datasheet
508Kb / 2P
Active power factor correction
NTS500 EMERSON-NETWORKPOWER-NTS500 Datasheet
457Kb / 3P
Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
Active power factor correction
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
Active Power Factor Correction
ABC600 BEL-ABC600 Datasheet
1Mb / 11P
Active power factor correction
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com