Electronic Components Datasheet Search
  English  ▼

X  

TEST2600 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TEST2600
Description  Silicon NPN Phototransistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TEST2600 Datasheet(HTML) 3 Page - Vishay Siliconix

  TEST2600 Datasheet HTML 1Page - Vishay Siliconix TEST2600 Datasheet HTML 2Page - Vishay Siliconix TEST2600 Datasheet HTML 3Page - Vishay Siliconix TEST2600 Datasheet HTML 4Page - Vishay Siliconix TEST2600 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TEST2600
Vishay Telefunken
3 (5)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81562
94 8239
0
0.6
0.8
1.0
1.2
1.4
2.0
20
40
60
80
Tamb – Ambient Temperature ( °C )
100
1.6
1.8
VCE=5V
Ee=1mW/cm2
l=950nm
Figure 3. Relative Collector Current vs.
Ambient Temperature
94 8268
0.01
0.1
1
0.01
0.1
1
10
Ee – Irradiance ( mW / cm2 )
10
VCE=5V
l=950nm
Figure 4. Collector Light Current vs.
Irradiance
0.1
1
10
0.1
1
10
VCE – Collector Emitter Voltage ( V )
100
94 8269
Ee=1 mW/cm2
0.5 mW/cm2
0.2 mW/cm2
0.1 mW/cm2
0.05 mW/cm2
l=950nm
Figure 5. Collector Light Current vs.
Collector Emitter Voltage
0.1
1
10
0
4
8
12
16
20
VCE – Collector Emitter Voltage ( V )
100
94 8247
f=1MHz
Figure 6. Collector Emitter Capacitance vs.
Collector Emitter Voltage
04
8
12
16
94 8253
0
2
4
6
8
12
IC – Collector Current ( mA )
10
VCE=5V
RL=100W
l=950nm
toff
ton
Figure 7. Turn On/Turn Off Time vs. Collector Current
700
800
900
1000
1100
94 8270
0
0.2
0.4
0.6
0.8
1.0
l – Wavelength ( nm )
Figure 8. Relative Spectral Sensitivity vs. Wavelength



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com