Electronic Components Datasheet Search
  English  ▼

X  

BU2508A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BU2508A
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU2508A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BU2508A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU2508A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BU2508A
DESCRIPTION
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS)= 700V (Min)
·High Switching Speed
APPLICATIONS
·Designed for use in horizontal deflection circuits of
color TV receivers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector- Emitter Voltage(VBE= 0)
1500
V
VCEO
Collector-Emitter Voltage
700
V
VEBO
Emitter-Base Voltage
7.5
V
IC
Collector Current- Continuous
8
A
ICM
Collector Current-Peak
15
A
IB
B
Base Current- Continuous
4
A
IBM
Base Current-Peak
6
A
PC
Collector Power Dissipation
@ TC=25℃
125
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.0
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BU2508A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU2508A PHILIPS-BU2508A Datasheet
58Kb / 7P
Silicon Diffused Power Transistor
November 1995 Rev 1.300
logo
Savantic, Inc.
BU2508A SAVANTIC-BU2508A Datasheet
135Kb / 3P
Silicon NPN Power Transistors
BU2508A SAVANTIC-BU2508A Datasheet
137Kb / 3P
Silicon NPN Power Transistors
logo
List of Unclassifed Man...
BU2508A ETC2-BU2508A Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
NXP Semiconductors
BU2508AF PHILIPS-BU2508AF Datasheet
70Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.500
More results

Similar Description - BU2508A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com