Electronic Components Datasheet Search
  English  ▼

X  

LDO03C Datasheet(PDF) 1 Page - Emerson Network Power

Part # LDO03C
Description  LDO03C Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LDO03C Datasheet(HTML) 1 Page - Emerson Network Power

  LDO03C Datasheet HTML 1Page - Emerson Network Power LDO03C Datasheet HTML 2Page - Emerson Network Power LDO03C Datasheet HTML 3Page - Emerson Network Power LDO03C Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Embedded Power for
Business-Critical Continuity
LDO03C Series
15 Watts
Special Features
• 3 A output current rating
• Input voltage range:
3-13.8 Vdc
• Adjustable out voltage:
0.59-5.1 V
• Optional factory setting with
power good
• Excellent transient response
• Power enable
• Minimum airflow
• Small package
• Termination voltage
capability
• RoHS compliant
Total Power:
15 Watts
Input Voltage:
3-13.8 Vdc
No. of Outputs: Single
Output
SXX06E
Rev. 08.01.06
Page 1 of 2
Electrical Specifications
Output voltage
See Note 5
0.59-5.1 V
Output setpoint accuracy
0.1% trim resistors
±1.0%
Line regulation
Low line to high line
±0.5%
Load regulation
Full load to min. load
±0.5%
Min./max. load
0 A/3 A
Overshoot
At turn-on
0.5% max.
Undershoot
At turn-off
100 mV max.
Ripple and noise
5 Hz to 20 MHz
See Note 1
25 mV
Vin=5 V, Vout=2.5 V
Transient response
See Notes 1, 2
235 mV max. deviation
20 μs recovery to within
regulation band
Input voltage range
3-13.8 Vdc
Input current
Minimum load
Remote OFF
50 mA
5 mA
Input current (max.)
See Note 3
3 A @ lo max.
Start-up time
Power up
Remote ON/OFF
3 ms
2 ms
Efficiency (high input)
Vin=5 V, Vo=2.5 V, lo=3 A
90%
Switching frequency
Fixed
1.5 MHz
Material flammability
UL94V-0
Weight
1.7 g (0.06 oz.)
MTBF
12 V @ 40 °C, 100% load
Bellcore 332
10,000,000 hours
Coplanarity
Surface mount models
150μm
Input
Rev. 01.29.09
LDO03C
1 of 4
Safety
UL, cUL 60950-1
TÜV Product Service (EN60950)
Certificate No. TBD
CB Report and
Certificate to IEC60950
General


Similar Part No. - LDO03C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LDO03C ARTESYN-LDO03C Datasheet
833Kb / 21P
Single Output C Class Non-Isolated DC/DC Converter
logo
Advanced Energy Industr...
LDO03C ADVANCEDENERGY-LDO03C Datasheet
419Kb / 6P
15 Watts
logo
Artesyn Technologies
LDO03C-005W05-HJ ARTESYN-LDO03C-005W05-HJ Datasheet
833Kb / 21P
Single Output C Class Non-Isolated DC/DC Converter
LDO03C-005W05-HJ ARTESYN-LDO03C-005W05-HJ Datasheet
786Kb / 4P
POWER 15 Watts
LDO03C-005W05-SJ ARTESYN-LDO03C-005W05-SJ Datasheet
833Kb / 21P
Single Output C Class Non-Isolated DC/DC Converter
More results

Similar Description - LDO03C

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com