Electronic Components Datasheet Search
  English  ▼

X  

OPI2000 Datasheet(PDF) 2 Page - Bedford Opto Technology Ltd.

Part # OPI2000
Description  High Speed Opto Isolator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

OPI2000 Datasheet(HTML) 2 Page - Bedford Opto Technology Ltd.

  OPI2000 Datasheet HTML 1Page - Bedford Opto Technology Ltd. OPI2000 Datasheet HTML 2Page - Bedford Opto Technology Ltd. OPI2000 Datasheet HTML 3Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
ABSOLUTE MAXIMUM RATINGS (25OC unless otherwise noted)
INPUT DIODE
FORWARD DC CURRENT
REVERSE DC VOLTAGE
POWER DISSIPATION
100mA
5 Volts
150mW (ii)
OUTPUT IC
MAX SUPPLY VOLTAGE
POWER DISSIPATION
7 Volts
165mW
OPERATING TEMP
-40
OC TO +70OC
STORAGE TEMP
-40
OC TO +85OC
INPUT-TO-OUTPUT ISOLATION VOLTAGE
+ 10KV DC (i)
LEAD SOLDERING TEMP 2mm from body 5 secs max
260
OC
i)
Measured with the input leads and output leads shorted together for one min.
ii)
Thermal resistance 450 K/W
Whilst the devices are capable of operating continually at the noted elevated
temperatures users should be aware of the possibility of the need to increase the diode
current to trigger the device over long periods at high temperatures & currents.
OPI 2000
+
+
Vgen
Rf
GND
Vout
Vcc
R
C
L
R =560 ohm
C=0.01uF
L
CIRCUIT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com