Electronic Components Datasheet Search
  English  ▼

X  

OPI2000M Datasheet(PDF) 4 Page - Bedford Opto Technology Ltd.

Part # OPI2000M
Description  High Speed Opto Isolator Surface Mount ATEX and IECEx certified
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

OPI2000M Datasheet(HTML) 4 Page - Bedford Opto Technology Ltd.

  OPI2000M Datasheet HTML 1Page - Bedford Opto Technology Ltd. OPI2000M Datasheet HTML 2Page - Bedford Opto Technology Ltd. OPI2000M Datasheet HTML 3Page - Bedford Opto Technology Ltd. OPI2000M Datasheet HTML 4Page - Bedford Opto Technology Ltd. OPI2000M Datasheet HTML 5Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
OPTO ELECTRONIC DATA (TA = 25OC)
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
OPI 2000M
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
INPUT DIODE
Forward Voltage
VF
-
1.35
1.6
V
If=100mA tp=20mS
Reverse Voltage
VR
5.0
-
-
V
Ir = 100uA
OUTPUT IC ( Vcc=4.75 to
5.25 )
High level Output Current
ICH
-
100
uA
Ic = 10 uA
Low Level Output Voltage
VOL
-
0.6
V
IF=10mA IOL=2.6mA
High Level Supply Current
ICCH
15
mA
IF=0
Low Level Supply Current
ICCL
18
mA
IF=7.5mA
COUPLED(Vcc=5volts)
Propagation Delay to Low Output
level
tPLH
800
nSecs
RL=560ohms C=0.01uF
Propagation Delay to High Output
Level
tPHL
800
nSecs
ditto
Input/Output Isolation Voltage
Vi-o
10kV
Volts
Input and output leads shorted
Pb
This
component
is RoHS
compliant
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com