Electronic Components Datasheet Search
  English  ▼

X  

MJ2955 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJ2955
Description  isc Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ2955 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJ2955 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ2955 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJ2955 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistors
MJ2955
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= -200mA ; IB= 0
-60
V
VCER(SUS)
Collector-Emitter Sustaining Voltage
IC= -200mA ; RBE= 100Ω
-70
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -4A; IB= -0.4A
B
-1.1
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -10A; IB= -3.3A
-3.0
V
VBE(on)
Base-Emitter On Voltage
IC= -4A ; VCE= -4V
-1.5
V
ICEO
Collector Cutoff Current
VCE= -30V; IB= 0
B
-0.7
mA
ICEX
Collector Cutoff Current
VCE= -100V; VBE(off)= -1.5V
VCE= -100V; VBE(off)= -1.5V,TC= 150℃
-1.0
-5.0
mA
IEBO
Emitter Cutoff Current
VEB= -7.0V; IC=0
-5.0
mA
hFE-1
DC Current Gain
IC= -4A ; VCE= -4V
20
70
hFE-2
DC Current Gain
IC= -10A ; VCE= -4V
5.0
Is/b
Second Breakdown Collector
Current with Base Forward Biased
VCE= -40V,t= 1.0s,Nonrepetitive
-2.87
A
fT
Current Gain-Bandwidth Product
IC= -0.5A ; VCE= -10V;ftest= 1.0MHz
2.5
MHz
isc Website:www.iscsemi.cn
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com