Electronic Components Datasheet Search
  English  ▼

X  

LDO06C Datasheet(PDF) 2 Page - Emerson Network Power

Part # LDO06C
Description  6 A output current rating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LDO06C Datasheet(HTML) 2 Page - Emerson Network Power

  LDO06C Datasheet HTML 1Page - Emerson Network Power LDO06C Datasheet HTML 2Page - Emerson Network Power LDO06C Datasheet HTML 3Page - Emerson Network Power LDO06C Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. 09.03.08
LDO06C
2 of 4
Embedded Power for
Business-Critical Continuity
Thermal performance
See Note 5
Operating ambient
Non-operating ambient
-40 °C to +85 °C
-40 °C to +125 °C
Short-circuit
Hiccup, non-latching
Overvoltage protection
Hiccup, non-latching
Input
See Note 6
0 μF
Output
See Note 7
0 μF
Protection
Environmental Specifications
Output
Power
(Max.)
Input
Voltage
Output
Voltage
Output
Current
(Min.)
Output
Current
(Max.)
Efficiency
(Typical)
Regulation
Line
Load
Model
Number (3,5)
30W
3-13.8 Vdc
0.59-5.1 V
0 A
6 A
92%
±0.2%
±0.5%
LDO06C-005W05-VJ
30W
3-13.8 Vdc
0.59-5.1 V
0 A
6 A
92%
±0.2%
±0.5%
LDO06C-005W05-HJ
30W
3-13.8 Vdc
0.59-5.1 V
0 A
6 A
92%
±0.2%
±0.5%
LDO06C-005W05-SJ
Ordering Information
Output Voltage Adjustment of the LDO06C Series
Part Number System with Options
The ultra-wide output voltage trim range offers major advantages to users who select the
LDO06C series. It is no longer necessary to purchase a variety of modules in order to cover
different output voltages. The output voltage can be trimmed in a range of 0.59-5.1 Vdc.
When the LDO06C converter leaves the factory, the output has been adjusted to the default
voltage of 0.59 V.
Recommended System Capacitance
Product Family
Product Family
LDO = LDO Series
Rated Output
Current
Rated Output
Current
06 = 6 Amp
Output Voltage
Output Voltage
05 = 0.59-5.1 V
Performance
Performance
C = Cost
Optimized
Number of Pins
Type of Output
Type of Output
5W = 5 Pins and
Wide Output
Input Voltage
Input Voltage
00 = 3-13.8 V
RoHS Compliance
RoHS Compliance
J = Pb free (RoHS
6/6 compliant)
Mounting Option
Mounting Option
V = Vertical
H = Horizontal
S = Horizontal SMT
VS = Vertical SMT
Custom Option
Custom Option
LDO
06
C
00
5W
05
V
X
J
Notes:
1. Measured as per recommended system capacitance. See Technical Reference Note.
2. di/dt = 10 A/μs, Vin = Nom, Tc = 25 °C, load change = 0.50 lo to full lo and full lo to 0.50.
3. External input fusing is recommended.
4. Additional part numbers may be available with different output voltages.
5. Airflow dependent, 100 LFM minimum required.
6. No capacitors needed for ripple current stability.
7. No capacitors needed for stability.
8. TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special request,
please consult your local sales representative for details.
9. NOTICE: Some models do not support all options. Please contact your local Emerson
Network Power representative or use the on-line model number search tool at http://
www.powerconversion.com/powergroup/products.htm to find a suitable alternative.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com