Electronic Components Datasheet Search
  English  ▼

X  

TLHB4401 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLHB4401
Description  High Efficiency Blue LED, 3 mm Tinted Diffused
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHB4401 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLHB4401 Datasheet HTML 1Page - Vishay Siliconix TLHB4401 Datasheet HTML 2Page - Vishay Siliconix TLHB4401 Datasheet HTML 3Page - Vishay Siliconix TLHB4401 Datasheet HTML 4Page - Vishay Siliconix TLHB4401 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLHB440.
Vishay Telefunken
1 (5)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83016
High Efficiency Blue LED, ø 3 mm Tinted Diffused
Package
Color
Type
Technology
Angle of Half Intensity
±ö
Blue
TLHB440.
GaN on SiC
30
°
Description
This device has been redesigned in 1998 replacing
SiC by GaN technology to meet the increasing
demand for high efficiency blue LEDs.
It is housed in a 3 mm tinted diffused plastic package.
All LEDs are categorized in luminous intensity groups.
That allows users to assemble LEDs with uniform
appearance.
Features
D GaN on SiC technology
D Standard ø 3 mm (T-1) package
D Small mechanical tolerances
D Wide viewing angle
D Very high intensity
D Luminous intensity categorized
D ESD class 1
94 8488
Applications
Status lights
OFF / ON indicator
Background illumination
Readout lights
Maintenance lights
Legend light


Similar Part No. - TLHB4401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHB4401 VISHAY-TLHB4401 Datasheet
114Kb / 6P
High Efficiency Blue LED, ∅ 3 mm Tinted Diffused Package
20-Sep-07
More results

Similar Description - TLHB4401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHB540 VISHAY-TLHB540 Datasheet
70Kb / 5P
High Efficiency Blue LED, 5 mm Tinted Diffused Package
04-Feb-99
TLHR44 VISHAY-TLHR44 Datasheet
123Kb / 11P
High Efficiency LED in 3 mm Tinted Diffused Package
04-Feb-99
TLHR46 VISHAY-TLHR46 Datasheet
101Kb / 8P
High Efficiency LED, 3 mm Tinted Total Diffused
04-Feb-99
TLHG440 VISHAY-TLHG440 Datasheet
313Kb / 10P
High Efficiency LED in 3 mm Tinted Diffused Package
31-Aug-04
TLHG4605 VISHAY-TLHG4605 Datasheet
101Kb / 8P
High Efficiency LED, 3 mm Tinted Total Diffused
04-Feb-99
TLHB420 VISHAY-TLHB420_04 Datasheet
163Kb / 6P
High Efficiency Blue LED, ∅ 3 mm Tinted Non-Diffused Package
30-Aug-04
TLHB420 VISHAY-TLHB420_V01 Datasheet
112Kb / 5P
High Efficiency Blue LED, ∅ 3 mm Tinted Non-Diffused Package
17-Sep-07
TLHB440 VISHAY-TLHB440_V01 Datasheet
114Kb / 6P
High Efficiency Blue LED, ∅ 3 mm Tinted Diffused Package
20-Sep-07
TLHG440 VISHAY-TLHG440_V01 Datasheet
209Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
15-Sep-2021
TLHA44R1S2 VISHAY-TLHA44R1S2_V01 Datasheet
109Kb / 5P
High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
19-Apr-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com