Electronic Components Datasheet Search
  English  ▼

X  

LPS40 Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPS40
Description  Universal input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS40 Datasheet(HTML) 1 Page - Emerson Network Power

  LPS40 Datasheet HTML 1Page - Emerson Network Power LPS40 Datasheet HTML 2Page - Emerson Network Power LPS40 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Embedded Power for
Business-Critical Continuity
LPS40-M Series
40 Watts
Medical
Special Features
• Medical safety approvals
• Universal input
• 3" x 5" footprint
• Less than 1U high
• Remote sense on main output
• Low output ripple
• Adjustable 5V output
• Overvoltage protection
• Overload protection
• 110 KHz switching frequency
• LPX40 enclosure kit available
Total Power:
40-55 Watts
Input Voltage:
85-264 VAC
120-300 VDC
# of Outputs:
Triple
Electrical Specifications
Safety
Input
Input range
85-264 VAC; 120-300 VDC
Frequency
47-440 Hz
Inrush current
<18A peak @ 115VAC; <36A peak @ 230VAC, cold start @ 25°C
Input current
1A max. (RMS) @ 115VAC
Efficiency
70% typical at full load
EMI filter
FCC Class B conducted; CISPR 22 Class A conducted;
EN55022 Class A conducted; VDE 0878 PT3 Class A conducted
Safety ground
leakage current
<75μA @ 50/60 Hz, 264 VAC input
Output
Maximum power
40W for convection; 55W with 30CFM forced air
Adjustment range
-5, +10% minimum
Hold-up time
20ms @ 40W load, 115VAC nominal line
Overload protection
Short circuit protection on all outputs
Case overload protected @ 110 -145% above peak rating
Overvoltage protection 5V output; 5.7 to 6.7VDC. Other outputs 10% to 25%
above nominal output
Remote sense
Compensates for 0.5 V lead drop minimum.
Will operate without remote sense connected.
Reverse connection protected.
VDE
0750/EN60601-1 (IEC601)
UL
UL2601 E182560
CSA
CSA 22.2 No.601.1
LR109492
CE Mark (LVD)
Rev. 07.23.07
LPS40-M Series
1 of 3
RoHS


Similar Part No. - LPS40

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS40 ASTEC-LPS40 Datasheet
84Kb / 3P
40 Watts
LPS40-M ASTEC-LPS40-M Datasheet
83Kb / 3P
40 Watts Medical
logo
Emerson Network Power
LPS40-M EMERSON-NETWORKPOWER-LPS40-M Datasheet
124Kb / 3P
Medical safety approvals
LPS40-M EMERSON-NETWORKPOWER-LPS40-M Datasheet
309Kb / 3P
40 Watts Medical safety approvals
LPS40-M EMERSON-NETWORKPOWER-LPS40-M_09 Datasheet
309Kb / 3P
40 Watts Medical safety approvals
More results

Similar Description - LPS40

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPQ110 EMERSON-NETWORKPOWER-LPQ110 Datasheet
81Kb / 2P
Universal input
LPS25 EMERSON-NETWORKPOWER-LPS25 Datasheet
99Kb / 3P
Universal input
LPS50 EMERSON-NETWORKPOWER-LPS50 Datasheet
515Kb / 3P
Universal input
LPS60 EMERSON-NETWORKPOWER-LPS60 Datasheet
121Kb / 3P
Universal input
LPT25 EMERSON-NETWORKPOWER-LPT25 Datasheet
102Kb / 3P
Universal input
LPT40 EMERSON-NETWORKPOWER-LPT40 Datasheet
541Kb / 3P
Universal input
NLP65 EMERSON-NETWORKPOWER-NLP65 Datasheet
343Kb / 4P
Universal Input
LPS41 EMERSON-NETWORKPOWER-LPS41_09 Datasheet
314Kb / 3P
Universal input
logo
MORNSUN Science& Techno...
LH25-20B05MU MORNSUN-LH25-20B05MU Datasheet
1Mb / 5P
Universal Input
logo
Total Power Internation...
TPS-40LB TOTAL-POWER-TPS-40LB Datasheet
229Kb / 2P
Universal input
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com