Electronic Components Datasheet Search
  English  ▼

X  

LPS103-M Datasheet(PDF) 3 Page - Emerson Network Power

Part # LPS103-M
Description  Medical and ITE safeties
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS103-M Datasheet(HTML) 3 Page - Emerson Network Power

  LPS103-M Datasheet HTML 1Page - Emerson Network Power LPS103-M Datasheet HTML 2Page - Emerson Network Power LPS103-M Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev. 1.16.09_114
LPS100-M Series
3 of 3
Embedded Power for
Business-Critical Continuity
OrderingInformation
Model
Number
Output
Voltage
Minimum
Load
Maximum Load
with Convection
Cooling
Maximum Load
with 30CFM
Forced Air
Peak Load Regulation2
Ripple
P/P
(PARD)3
LPS102-M
5V
0A
16A
24A
30A
±2%
50mV
LPS103-M
12V
0A
8.3A
12.5A
14A
±2%
120mV
LPS104-M
15V
0A
6.7A
10A
11A
±2%
150mV
LPS105-M
24V
0A
4.2A
6.3A
7A
±2%
240mV
LPS108-M
48V
0A
2.1A
3.1A
3.5A
±2%
480mV
1. Peakcurrentlasting<30secondswithamaximum10%dutycycle.
2. At25°Cincludinginitialtolerance,linevoltage,loadcurrentsandoutputvoltagesadjustedtofactorysettings.
3. Peak-to-peakwith20mHzbandwidthand10µF(tantalumcapacitor)inparallelwitha0.1µFcapacitoratratedlinevoltage
andloadranges.
Notes:
1. Specificationssubjecttochangewithoutnotice.
2. Alldimensionsininches(mm),toleranceis±.02”.
3. mountingholesMH1,MH2shouldbegroundedforEMI
purpose
4. MountingMH1issafetygroundconnection
5. Specificationsareforconvectionratingatfactorysettings
at115Vacinput25°Cunlessotherwisestated.
6. Thispowersupplyrequiresmountingonmetalstandoffs
0.20”(5m)inheight.
7. Warranty:2year
8. Weight:0.44lb./0.20kg
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.PowerConversion.com
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
informationorforanyerrorsoromissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksand
servicemarksofEmersonElectricCo.
©2008EmersonElectricCo.
EmersonNetworkPower.com
EmbeddedComputing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
PrecisionCooling
Racks&IntegratedCabinets
Services
SurgeProtection
Emerson Network Power.
Thegloballeaderinenabling
business-criticalcontinuity.
ACPower
Connectivity
DCPower
PinAssignments
Connector LPS100-M
SK1
Pin 1
Neutral
Pin3
Line
SK2
Pin 1
Common
Pin2
Common
Pin3
Common
Pin4
Common
Pin 5
+Vout
Pin6
+Vout
Pin7
+Vout
Pin 8
+Vout
SK203
Pin 1
Common
Pin2
Power Fail
Pin3
-RemoteSense
Pin4
+RemoteSense
SK5
Pin 1
+12VFan
Pin2
+12VFan
Pin3
FanReturn(Isolated)
Pin4
FanReturn(Isolated)
MatingConnectors
ACInput(SK1):
MolexP/N:09-50-8031,Pins:08-52-0113
or
LandwinP/N:3060S0302,Pins:3360T011P
ACGround
Molex:01-90020001
DCOutput(SK2):
MolexP/N:09-50-8081,Pins:08-52-0113
or
LandwinP/N:3060S0802,Pins:3360T011P
RemoteSense
(SK203):
MolexP/N:35155-0400,Pins:08-70-0057
or
LandwinP/N:2640S04A0,Pins:2543T011P
Fan:(SK5):
MolexP/N:22-01-1042,Pins:08-70-0049
or
Landwin:P/N:2510S04A0,Pins:2543T011P
EmersonNetworkPowerConnectorKit#70-841-025,includes
alloftheabove



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com