Electronic Components Datasheet Search
  English  ▼

X  

LPS350 Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPS350
Description  Active power factor correction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS350 Datasheet(HTML) 1 Page - Emerson Network Power

  LPS350 Datasheet HTML 1Page - Emerson Network Power LPS350 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
128
Special Features
Electrical Specs
350 Watts
LPS350 Series
Input
Input range
85-264 VAC; 120-300 VDC
Frequency
47-440 Hz
Inrush current
38 A max., cold start @ 25°C
Efficiency
75% typical at full load
EMI filter
FCC Class B conducted and radiated
CISPR 22 Class B conducted and radiated
EN55022 Class B conducted and
radiated
VDE 0878 PT3 Class B conducted and
radiated.
Power factor
0.99 typical
Safety ground leakage
current
<0.5 mA @ 50/60 Hz, 264 VAC input
Output
Maximum power
With cover: 350 W with 30 CFM forced
air,
(-C) (-CF) (-CEF)
Adjustment range
2:1 wide ratio
Supervisory outputs
5 V @ 500 mA regulated, 12 V @ 150
mA x2
Hold-up time
20 ms @ 350 W load, 115 VAC nominal
line
at factory voltage setting
Overload protection
Short circuit protection on all outputs.
Case overload protected @ 110-145%
above peak rating
Overvoltage protection
5 V output: 5.7-6.7 VDC. Other models
10% to 25% above nominal output
Logic Control
Power failure
TTL logic signal goes high 50-150 msec
after 5 V output. It goes low at least 4
msec before loss of regulation
Remote on/off
Requires an external contact (N.O or
N.C) to inhibit outputs
DC-OK
TTL logic goes high 50-150 msec after
the output. It goes low when there is
loss of regulation.
Remote sense
Compensates for 0.5 V lead drop min.
Will operate without remote sense
connected. Reverse connection protected.
• Active power factor correction
• IEC EN6100-3-2 compliance
• Remote sense
• Power fail and remote inhibit
• Single wire current sharing
• Built-in EMI filter
• Low output ripple
• Supervisory output 5 V and 12 V
• Overvoltage protection
•Overload protection
• Thermal overload protection
• DC power good
•Cover -C
• 130 KHz switching frequency
• Optional with fan cover -CF
• Optional end-mounted fan - CEF
Operating temperature: 0° to 50°C ambient
derate each output at 2.5% per degree from 50° to
70°C
Electromagnetic susceptibility: Designed to meet
IEC 801, -2, -3, -4, -5, -6, Level 3
Humidity: Operating; non-condensing
5% to 95%
Vibration: Three orthogonal axes, sweep at
1 oct/min, 5 min. dwell at four major resonances
0.7 G peak 5 Hz to 500 Hz, operational
Storage temperature: -40° to 85°C
Temperature coefficient: ±.04% per °C
MTBF demonstrated: >550,000 hours at full load
and 25°C ambient conditions
VDE
0805/EN60950 (IEC950)
21310-3336-0001
UL UL1950
E186249
CSA
CSA 22.2-234 Level 5
LR109492C
NEMKO
EN 60950/EMKO-TUE
P98102115
(74-sec) 203
BABT
EN60950/BS7002
608857, 608858, 609097
CB
Certificate and report
5734, 6280, 6281
CE
Mark (LVD)
Environmental
Total Power:
350 Watts
Input Voltage: 85-264 VAC
120-300 VDC
# of Outputs:
Single
Safety
rev 07.11.05


Similar Part No. - LPS350

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS350 ASTEC-LPS350 Datasheet
508Kb / 2P
350 Watts
More results

Similar Description - LPS350

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
Active power factor correction
HPS3KW EMERSON-NETWORKPOWER-HPS3KW Datasheet
225Kb / 3P
Active Power Factor Correction
HPS35 EMERSON-NETWORKPOWER-HPS35 Datasheet
864Kb / 4P
Active Power Factor Correction
LPQ250 EMERSON-NETWORKPOWER-LPQ250 Datasheet
404Kb / 3P
Active power factor correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
Active power factor correction
NTS500 EMERSON-NETWORKPOWER-NTS500 Datasheet
457Kb / 3P
Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
Active power factor correction
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
Active Power Factor Correction
ABC600 BEL-ABC600 Datasheet
1Mb / 11P
Active power factor correction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com