Electronic Components Datasheet Search
  English  ▼

X  

LPT25 Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPT25
Description  Universal input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPT25 Datasheet(HTML) 1 Page - Emerson Network Power

  LPT25 Datasheet HTML 1Page - Emerson Network Power LPT25 Datasheet HTML 2Page - Emerson Network Power LPT25 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 02.05.07
LPT25 Series
1of 3
Embedded Power for
Business-Critical Continuity
LPT25 Series
25 Watts
Special Features
• Universal input
• 3" x 5" footprint
• Less than 1U high
• Remote sense on main output
• Terminal block option (-T)
• Built-in EMI filter
• Low output ripple
• Adjustable main output
• Overvoltage protection
•Overload protection
• 110 KHz switching frequency
• LPX40 enclosure kit available
• 2 year warranty
Total Power:
25 - 40 Watts
Input Voltage:
85 - 264 VAC
120 - 300VDC
# of Outputs:
Triple
Electrical Specifications
Safety
Input
Input range
85-264 VAC
120-300 VDC
Frequency
47-440 Hz
Inrush current
<15A peak @ 115VAC;
<30A peak @ 230VAC, cold start @ 25°C
Input current
1 A max. (RMS) @ 115 VAC
Efficiency
70% typical at full load
EMI
FCC Class B conducted; CISPR 22 Class B conducted
EN55022 Class B conducted;
VDE 0878 PT3 Class B conducted
Safety ground
leakage current
<0.5 mA @ 50/60 Hz, 264 VAC input
Output
Maximum Power
25W for convection; 40W with 30CFW forced air
Cross regulation
±2% on output 1; ±5% on outputs 2, 3
Adjustment range
-5, +10% minimum
Hold-up time
20 ms @ 25 W load, 115 VAC nominal line
Overload protection
Short circuit protection on all outputs. Case overload pro-
tected @ 110% to 145% above peak rating
Overvoltage protection
5.7 to 6.7 VDC on the main output
Remote sense
Compensates for 0.5 V lead drop min. Will operate without
remote sense connected. Reverse connection protected.
VDE
0805 EN60950
11774-3336-1241
(LC#84936)
UL
UL60950
E132002
CSA
CSA 22.2-234 Level 3
LR53982C
NEMKO EN 60950/EMKO-TUE
P95100411
(74-sec) 203
CB
Certificate and report
1569, 1570, 1571, 1572
CE
Mark (LVD)
RoHS


Similar Part No. - LPT25

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPT25 ASTEC-LPT25 Datasheet
79Kb / 3P
25 Watts
logo
Artesyn Technologies
LPT25 ARTESYN-LPT25 Datasheet
1Mb / 4P
Total Power: 25 - 40 Watts
logo
Astec America, Inc
LPT25-T ASTEC-LPT25-T Datasheet
79Kb / 3P
25 Watts
More results

Similar Description - LPT25

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPQ110 EMERSON-NETWORKPOWER-LPQ110 Datasheet
81Kb / 2P
Universal input
LPS25 EMERSON-NETWORKPOWER-LPS25 Datasheet
99Kb / 3P
Universal input
LPS40 EMERSON-NETWORKPOWER-LPS40 Datasheet
124Kb / 3P
Universal input
LPS50 EMERSON-NETWORKPOWER-LPS50 Datasheet
515Kb / 3P
Universal input
LPS60 EMERSON-NETWORKPOWER-LPS60 Datasheet
121Kb / 3P
Universal input
LPT40 EMERSON-NETWORKPOWER-LPT40 Datasheet
541Kb / 3P
Universal input
NLP65 EMERSON-NETWORKPOWER-NLP65 Datasheet
343Kb / 4P
Universal Input
LPS41 EMERSON-NETWORKPOWER-LPS41_09 Datasheet
314Kb / 3P
Universal input
logo
MORNSUN Science& Techno...
LH25-20B05MU MORNSUN-LH25-20B05MU Datasheet
1Mb / 5P
Universal Input
logo
Total Power Internation...
TPS-40LB TOTAL-POWER-TPS-40LB Datasheet
229Kb / 2P
Universal input
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com