Electronic Components Datasheet Search
  English  ▼

X  

HS16 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # HS16
Description  HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

HS16 Datasheet(HTML) 1 Page - Mospec Semiconductor

  HS16 Datasheet HTML 1Page - Mospec Semiconductor HS16 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
C A
G
F
E
H
H
D


Similar Part No. - HS16

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
HS16B80T HUIXIN-HS16B80T Datasheet
796Kb / 4P
HS16B80T 16A TRIAC
HS16C60DC HUIXIN-HS16C60DC Datasheet
559Kb / 5P
HS16C60DC 16A TRIAC
HS16C60T HUIXIN-HS16C60T Datasheet
609Kb / 4P
HS16C60T 16A TRIAC
HS16C80F HUIXIN-HS16C80F Datasheet
804Kb / 4P
HS16C80F 16A TRIAC
HS16C80T HUIXIN-HS16C80T Datasheet
830Kb / 4P
HS16C80T 16A TRIAC
More results

Similar Description - HS16

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER106 MOSPEC-HER106 Datasheet
129Kb / 2P
HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V)
HER306 MOSPEC-HER306 Datasheet
126Kb / 2P
HIGH EFFICIENCY RECTIFIERS(3.0A,600-1000V)
HER506 MOSPEC-HER506 Datasheet
123Kb / 2P
HIGH EFFICIENCY RECTIFIERS(5.0A,600-1000V)
MH16 MOSPEC-MH16 Datasheet
132Kb / 2P
HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V)
MH36 MOSPEC-MH36 Datasheet
134Kb / 2P
HIGH EFFICIENCY RECTIFIERS(3.0A,600-1000V)
MH56 MOSPEC-MH56 Datasheet
132Kb / 2P
HIGH EFFICIENCY RECTIFIERS(5.0A,600-1000V)
MU17 MOSPEC-MU17 Datasheet
144Kb / 2P
POWER RECTIFIERS(1.0A,500-1000V)
SF17 MOSPEC-SF17 Datasheet
141Kb / 2P
POWER RECTIFIERS(1.0A,500-1000V)
logo
Rugao Dachang Electroni...
HER101 DACHANG-HER101 Datasheet
121Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Leshan Radio Company
1H8 LRC-1H8 Datasheet
257Kb / 7P
High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com