Electronic Components Datasheet Search
  English  ▼

X  

SSA340 Datasheet(PDF) 2 Page - Bedford Opto Technology Ltd.

Part # SSA340
Description  5mm SHROUDED LED CIRCUIT BOARD INDICATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

SSA340 Datasheet(HTML) 2 Page - Bedford Opto Technology Ltd.

  SSA340 Datasheet HTML 1Page - Bedford Opto Technology Ltd. SSA340 Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE,ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
Absolute Maximum Ratings (TA = 25OC)
SSA340
PARAMETER
Green
Yellow
Continuous Forward Current
30mA
50mA
Peak Forward Current (1/10 @
1Khz)
120mA
200mA
Power Dissipation
100mW
100mW
Reverse Current [Vr=5V]
10
μA
100
μA
Operating Temperature range
-40
OC to +85OC
Storage Temperature
-40
OC to +100OC
Lead Soldering Temperature
(2.0mm from body)
260
OC for 5secs
Red
40mA
200mA
80mW
10
μA
Electro-Optical Data (TA = 25OC)
PARAMETER
Green
Yellow
Forward Voltage
Max
[@20mA]
2.8V
2.8V
Luminous Intensity
Min
[@20mA]
Typ
110mcd
180mcd
480mcd
800mcd
Viewing Angle 2
∅1/2
30deg
20deg
Peak Wavelength
565nm
587nm
Red
2.4V
180mcd
30deg
660nm
ORDERING INFORMATION
SSA340X
where X = R = Red
G = Green
Y = Yellow
Alternative LED types available.
6.2.00 ISS A
Pb
This
component
is RoHS
compliant



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com